Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 57 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 57 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 53Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 54Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 55Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 56Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 57Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 58Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 59Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 60Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 57
KSZ9563R
4.11
MAC Interface (RGMII/MII/RMII Port 3)
Strapping options are used to individually select any of these MAC interface options for port 3:
• Media Independent Interface (MII): Supports 100 and 10 Mbps data rates
• Reduced Media Independent Interface (RMII): Supports 100 and 10 Mbps data rates
• Reduced Gigabit Media Independent Interface (RGMII): Supports 1000, 100 and 10 Mbps data rates
Strapping options are used to set port 3 to either MII, RMII, or RGMII at the deassertion of reset. Refer to Section 3.2.1,
"Configuration Straps," on page 16 for additional information.
Note that the signals on the KSZ9563R MAC interfaces are named as they would be for a PHY: the TX direction is into
the KSZ9563R, while the RX direction is out of the KSZ9563R, as if to a host processor with integrated MAC. Signal
connection to such a “MAC” device is TX-to-TX, and RX-to-RX.
An external PHY (such as the Microchip KSZ9031RNX) may be connected to either port, but in that case the signal
connection will be RX-to-TX, and TX-to-RX.
The RGMII/MII/RMII interfaces are powered by the VDDIO power supply.
FIGURE 4-17:
IN-BAND MANAGEMENT FRAME FORMAT
LSB
0
1
6
5
4
3
27
MSB
PREAMBLE
SFD
7 Bytes
1 Byte
DES. ADDRESS
6 Bytes
IBAF TAG TYPE
2 Bytes
SRC. ADDRESS
6 Bytes
IBAF TAG CONTROL INFO.
2 Bytes
2 Bytes
46 bit address
i/g
u/l
i/g=0, Individual Address; i/g=1, Group Address
u/l=0, Globally Admin. Addr. u/l=1, Locally Admin. Addr.
2 Bytes
MAC LENGTH/TYPE
2 Bytes
TPID
10011000
00000000
00000000
00000000
0x9800 for 98xx Family
Reserved
010xxxxx
11111110
Sequence #
p
cfi
3 bits of Priority, 1 bit of Canonical Format Indicator = 0
4 bits of mode, 8 bits of sequence #
IBAF TAG
2 Bytes
ACCESS COMMAND
4 Bytes
DATA
4 Bytes
4 Bytes
4 Bytes
4 Bytes
4 Bytes
4 Bytes
4 Bytes
4 Bytes
ACCESS CODE
4 Bytes
EXTENSION
Variable
FRAME CHECK SEQUENCE
4 Bytes
PAD
Variable
IBAF
Layer 3
Data
38/42/46
– 1500
MAC
DATA
0eeeeAAAAAAAA
OP.
Code
Bits Transmitted from Left to Right
mode
ACCESS FORMAT
Reserved
0x0001 = Rd/Wr,
0x0002 = Burst
ACCESS COMMAND/DATA
ACCESS COMMAND/DATA
ACCESS COMMAND/DATA
ACCESS COMMAND/DATA
DATA
DATA
DATA
DATA
AAAAAAAAAAAAAAAA
COMMAND = 0x0001 (Rd/Wr)
0000000000000
OP.
Code
00000000000aaaaa
COMMAND = 0x0002 (Dump)
0xdddddddd
COMMAND = 0x0001 (Rd/Wr)
3 bits of OP code:
001 = READ, 010 = WRITE,
100 = WAIT on 0, 101 = WAIT on 1,
110 = MODIFY to 0, 111 = MODIFY to 1,
000 = end of command list
eeee = Byte enable
AAAA..AAAA[23:0] = Register Address
000000AAAAAAAA
Dir
AAAAAAAAAAAAAAAA
COMMAND = 0x0002 (Burst)
2 bits of Direction:
01 = READ, 10 = WRITE,
AAAA..AAAA[23:0] = Starting Register Address
0xmaskmask
COMMAND = 0x0001 (WAIT/
MODIFY)
Mask (1) = bit in reg. to be tested for OP code 100/101
OR
set (1) = bit to be set to 0/1 based on OP code 110/111
dddddddd = data written/read
26 0's and 6 bits of burst count
COMMAND = 0x0002 (Burst)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com