Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 83 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 83 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 79Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 80Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 81Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 82Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 83Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 84Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 85Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 86Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 83
KSZ9563R
5.1.4.23
Switch MAC Control 0 Register
Address:
0x0330
Size:
8 bits
Bits
Description
Type
Default
7
Alternate Back-off Mode
The back-off mode applies to half-duplex only. This bit should be set if the
No Excessive Collision Drop bit in the Switch MAC Control 1 Register is
enabled.
1 = Enable alternate back-off mode
0 = Disable
R/W
0b
6:4
RESERVED
R/W
000b
3
Frame Length Field Check
This applies only when the EtherType/Length field is <1500.
1 = Discard any packet if the actual packet length does not match the frame
length field.
0 = Do not check the packet length.
R/W
1b
2
RESERVED
R/W
1b
1
Flow Control Packet Drop Mode
This bit controls which flow control packets may be forwarded or dropped. To
enable forwarding of all flow control packets, refer to bit 0 of the Switch MAC
Control 4 Register. Enabling of flow control is managed in the PHY Auto-
Negotiation Advertisement Register (for PHY ports) and the XMII Port
Control 0 Register (for MAC ports).
1 = The switch will drop received packets with either EtherType = 0x8808 or
destination address (DA) = 01-80-C2-00-00-01.
0 = The switch will drop received packets with both EtherType = 0x8808 and
DA = 01-80-C2-00-00-01.
R/W
1b
0
Aggressive Back-off Enable
For use with half-duplex back pressure. This is not an IEEE standard.
1 = Enable aggressive back-off algorithm in half-duplex mode to enhance
performance.
0 = Disable
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com