Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 42 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 42 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 38Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 39Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 40Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 41Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 42Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 43Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 44Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 45Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 226 page
background image
KSZ9563R
DS00002419D-page 42
 2017-2018 Microchip Technology Inc.
4.4.17.1
Processing Entry Description
The Processing Entry consists of two parameters as described in Table 4-15.
The examples in Figure 4-7 are interpreted as follows:
• Rule #0: Test the matching rule entry #0. If true, apply action rule entry #0.
• Rule #1: Test the matching rule entry #1. If true, apply action rule entry #0.
• Rule #2: Test the matching rule entry #2. If true, apply action rule entry #1.
• Matching rule entry #3 is configured for the counter function. Action entry #3 is used to hold the corresponding
count value.
• Rule #4: Test the matching rule entries #4, 5 and 6. If all are true, apply action rule entry #4.
• Rule #6: Test the matching rule entry #6. If true, apply action rule entry #5.
• Rule #8: Test the matching rule entries #7 and 11. If both are true, apply action rule entry #9.
No more than one action can be taken for any packet. If the matching conditions are true for multiple RuleSets, then the
corresponding FRN field with the lowest value (highest priority) determines the action to be taken.
TABLE 4-15:
ACL PROCESSING ENTRY PARAMETERS
Parameter
Description
FRN[3:0]
First Rule Number
Pointer to an Action rule entry. Possible values are 0 to 15. If all Matching rules speci-
fied in the RuleSet are evaluated true, then this is the resulting Action rule.
RuleSet[15:0]
Specifies a set of one or more Matching rule entries.
RuleSet has one bit for each of the 16 Matching rule entries. If multiple Matching rules
are selected, then all conditions will be AND'ed to produce a final match result.
0 = Matching rule not selected
1 = Matching rule selected
FIGURE 4-7:
ACL STRUCTURE AND EXAMPLE RULE VALUES
FRN
0
0
1
4
5
9
#0
#15
#14
#13
#12
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
0
1
2
none
4, 5, 6
none
6
none
7, 11
none
none
none
none
none
none
none
RuleSet
Processing Field
Entry Number
Entry #0
Entry #1
Entry #2
Entry #3
Entry #4
Entry #5
Entry #6
Entry #7
Entry #8
Entry #9
Entry #10
Entry #11
Entry #12
Entry #13
Entry #14
Entry #15
Entry #0
Entry #1
Entry #2
Entry #3
Entry #4
Entry #5
Entry #6
Entry #7
Entry #8
Entry #9
Entry #10
Entry #11
Entry #12
Entry #13
Entry #14
Entry #15
Action Rule
Matching Rule
Action Field
OR
AND
When counter
function is enabled
in Matching Rule.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com