Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 70 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 70 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 66Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 67Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 68Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 69Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 70Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 71Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 72Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 73Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 226 page
background image
KSZ9563R
DS00002419D-page 70
 2017-2018 Microchip Technology Inc.
5.1.2.3
I/O Drive Strength Register
5.1.2.4
In-Band Management (IBA) Operation Status 1 Register
Address:
0x010D
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
R/W
0b
6:4
High Speed Drive Strength
Controls drive strength of RGMII / MII / RMII (except TX_CLK / REFCLKI)
R/W
110b
3
RESERVED
R/W
0b
2:0
Low Speed Drive Strength
Controls drive strength of TX_CLK / REFCLKI, LEDs, PME_N, INTRP_N,
SDO and SDI/SDA/MDIO.
R/W
10b
Address:
0x0110 - 0x0113
Size:
32 bits
Bits
Description
Type
Default
31
Good IBA Packet Detect
1 = A good IBA packet is received.
RO
0b
30
IBA Response Packet Transmit Done
1 = An IBA response packet is sent out.
This bit is cleared when a packet with a matching IBA tag field is received.
RO
0b
29
IBA Execution Done
1 = All the commands in one IBA packet are completely executed.
This bit is cleared when a packet with a matching IBA tag field is received.
RO
0b
28:15
RESERVED
RO
0x0000
14
IBA MAC Address Mismatch Error
This bit is active only when IBA_ENABLE (In-Band Management (IBA)
Control Register, bit 30) is set.
1 = An IBA packet is received with an unmatched MAC address, unequal to
the switch’s MAC address.
This bit is cleared when a packet with a matching IBA tag field is received.
RO
0b
13
IBA Access Format Error
1 = An IBA packet with a wrong access format (not equal to 0x9800) is
received.
This bit is cleared when a packet with a matching IBA tag field is received.
RO
0b
12
IBA Access Code Error
1 = An IBA packet with an unrecognized access code is received. (Valid
access codes are 0x0001 and 0x0002.)
This bit is cleared when a packet with a matching IBA tag field is received.
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com