Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 12 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 12 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 8Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 9Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 10Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 11Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 12Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 13Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 14Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 15Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 226 page
background image
KSZ9563R
DS00002419D-page 12
 2017-2018 Microchip Technology Inc.
Port 2-1
Ethernet TX/RX
Pair C -
TXRX[2:1]M_C
AIO
Port 2-1 1000BASE-T Differential Data Pair C (-)
Port 2-1
Ethernet TX/RX
Pair D +
TXRX[2:1]P_D
AIO
Port 2-1 1000BASE-T Differential Data Pair D (+)
Port 2-1
Ethernet TX/RX
Pair D -
TXRX[2:1]M_D
AIO
Port 2-1 1000BASE-T Differential Data Pair D (-)
Port 3 RGMII/MII/RMII Pins
Port 3
Transmit/
Reference
Clock
TX_CLK/
REFCLKI
I/O8
MII Mode: TX_CLK is the Port 3 25/2.5MHz Transmit
Clock. In PHY mode this pin is an output, in MAC mode it is
an input.
RMII Mode: REFCLKI is the Port 3 50MHz Reference
Clock input when in RMII Normal mode. This pin is unused
when in RMII Clock mode.
RGMII Mode: TX_CLK is the Port 3 125/25/2.5MHz Trans-
mit Clock input.
Port 3
Transmit
Enable/Control
TX_EN/
TX_CTL
IPD
MII/RMII Modes: TX_EN is the Port 3 Transmit Enable.
RGMII Mode: TX_CTL is the Port 3 Transmit Control.
Port 3
Transmit Error
TX_ER
IPD
MII Mode: Port 3 Transmit Error input.
RMII/RGMII Modes: Not used. Do not connect this pin in
these modes of operation.
Port 3
Transmit Data 3
TXD3
IPD
MII/RGMII Modes: Port 3 Transmit Data bus bit 3.
RMII Mode: Not used. Do not connect this pin in this mode
of operation.
Port 3
Transmit Data 2
TXD2
IPD
MII/RGMII Modes: Port 3 Transmit Data bus bit 2.
RMII Mode: Not used. Do not connect this pin in this mode
of operation.
Port 3
Transmit Data 1
TXD1
IPD
MII/RMII/RGMII Modes: Port 3 Transmit Data bus bit 1.
Port 3
Transmit Data 0
TXD0
IPD
MII/RMII/RGMII Modes: Port 3 Transmit Data bus bit 0.
Port 3
Receive/
Reference
Clock
RX_CLK/
REFCLKO
I/O24
MII Mode: RX_CLK is the Port 3 25/2.5MHz Receive
Clock. In PHY mode this pin is an output, in MAC mode it is
an input.
RMII Mode: REFCLKO is the Port 3 50MHz Reference
Clock output when in RMII Clock mode. This pin is unused
when in RMII Normal mode.
RGMII Mode: RX_CLK is the Port 3 125/25/2.5MHz
Receive Clock output.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com