Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 55 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 55 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 51Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 52Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 53Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 54Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 55Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 56Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 57Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 58Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 55
KSZ9563R
4.9.3.1
Standard MIIM Registers (Direct)
Standard registers provide direct read/write access to a 32-register address space, as defined in Clause 22 of the IEEE
802.3 Specification. Within this address space, the first 16 registers (Registers 0h to Fh) are defined according to the
IEEE specification, while the remaining 16 registers (Registers 10h to 1Fh) are defined specific to the PHY vendor.
The KSZ9563R supports the standard registers listed in Table 4-26 for each PHY port. Each 16-bit MIIM Standard Reg-
ister Address maps to two corresponding 8-bit Port N Register Addresses. The register bit map and description are
located at the 8-bit Port N Register Addresses.
4.9.3.2
MDIO Manageable Device (MMD) Registers (Indirect)
The MIIM interface provides indirect access to a set of MMD registers as defined in Section 5.4, "MDIO Manageable
Device (MMD) Registers (Indirect)," on page 193.
TABLE 4-26:
STANDARD MIIM REGISTERS
MIIM Standard
Register Address
(hex)
Port N
Register Address
(hex)
Description
IEEE-Defined Registers
0h
0xN100 - 0xN101
PHY Basic Control Register
1h
0xN102 - 0xN103
PHY Basic Status Register
2h
0xN104 - 0xN105
PHY ID High Register
3h
0xN106 - 0xN107
PHY ID Low Register
4h
0xN108 - 0xN109
PHY Auto-Negotiation Advertisement Register
5h
0xN10A - 0xN10B
PHY Auto-Negotiation Link Partner Ability Register
6h
0xN10C - 0xN10D
PHY Auto-Negotiation Expansion Status Register
7h
0xN10E - 0xN10F
PHY Auto-Negotiation Next Page Register
8h
0xN110 - 0xN111
PHY Auto-Negotiation Link Partner Next Page Ability Register
9h
0xN112 - 0xN113
PHY 1000BASE-T Control Register
Ah
0xN114 - 0xN115
PHY 1000BASE-T Status Register
Bh-Ch
-
RESERVED
Dh
0xN11A - 0xN11B
PHY MMD Setup Register
Eh
0xN11C - 0xN11D
PHY MMD Data Register
Fh
0xN11E - 0xN11F
PHY Extended Status Register
Vendor-Specific Registers
10h
-
RESERVED
11h
0xN122 - 0xN123
PHY Remote Loopback Register
12h
0xN124 - 0xN125
PHY LinkMD Register
13h
0xN126 - 0xN127
PHY Digital PMA/PCS Status Register
14h
-
RESERVED
15h
0xN12A - 0xN12B
Port RXER Count Register
16h-1Ah
-
RESERVED
1Bh
0xN136 - 0xN137
Port Interrupt Control / Status Register
1Ch
0xN138 - 0xN139
PHY Auto MDI / MDI-X Register
1Dh-1Eh
-
RESERVED
1Fh
0xN13E - 0xN13F
PHY Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com