Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 44 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 44 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 40Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 41Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 42Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 43Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 44Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 45Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 46Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 47Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 226 page
background image
KSZ9563R
DS00002419D-page 44
 2017-2018 Microchip Technology Inc.
Details for MD = 01, ENB = 00:
The 11 bits of the aggregated bit fields from PM, P, RPE, RP and MM in the Action rule entry specify a count value for
packets matching MAC Address and TYPE in the Matching Field.
The count unit is determined by the TU bit (located in the Action rule).
• When 0, the unit is microsecond.
• When 1, the unit is millisecond.
The CA bit (located in the Action rule) determines the algorithm used to generate an interrupt when the count terminates.
• When 0, an 11-bit counter will be loaded with the count value from the list and start counting down every unit time.
An interrupt will be generated when the timer expires, i.e. the next qualified packet has not been received within
the period specified by the value.
• When 1, the counter is incremented with every matched packet received. An interrupt is generated when the ter-
minal count is reached. The count resets thereafter. Time units are not used in this mode.
TABLE 4-18:
ACL MATCHING RULE PARAMETERS FOR MD = 10
Parameter
Description
MD[1:0]
MODE
00 = Matching rule is disabled
01 = Layer 2 MAC header or counter filtering
10 = Layer 3 IP header filtering
11 = Layer 4 TCP header (and IP protocol) filtering
ENB[1:0]
00 = Reserved
01 = IPv4 source or destination address (with mask)
10 = IPv4 source and destination address (without mask)
11 = Reserved
S/D
Source / Destination
0 = Destination address
1 = Source address
EQ
Equal / Not Equal
0 = Not Equal produces true result
1 = Equal produces true result
IP ADDRESS[31:0]
IPv4 address
Source or destination address (determined by S/D) when ENB = 01,
Source address when ENB = 10
IP MASK[31:0]
Mask bits for the IPv4 address when ENB = 01:
0 = This bit of the address is compared
1 = This bit of the address is not compared
Destination IPv4 address when ENB = 10
TABLE 4-19:
ACL MATCHING RULE PARAMETERS FOR MD = 11
Parameter
Description
MD[1:0]
MODE
00 = Matching rule is disabled
01 = Layer 2 MAC header or counter filtering
10 = Layer 3 IP header filtering
11 = Layer 4 TCP header (and IP protocol) filtering
ENB[1:0]
00 = IP Protocol comparison is enabled
01 = TCP source/destination port comparison is enabled
10 = UDP source/destination port comparison is enabled
11 = TCP sequence number is compared
S/D
Source / Destination
0 = Destination address
1 = Source address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com