Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 86 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 86 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 82Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 83Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 84Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 85Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 86Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 87Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 88Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 89Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 226 page
background image
KSZ9563R
DS00002419D-page 86
 2017-2018 Microchip Technology Inc.
5.1.4.28
Switch MAC Control 5 Register
5.1.4.29
Switch MIB Control Register
MIB counters are provided on a per-port basis. They are read and controlled via the Port N: Port Switch MIB Counters
Registers (0xN500 - 0xN5FF).
5.1.4.30
802.1p Priority Mapping 0 Register
Address:
0x0335
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6
RESERVED
R/W
0b
5:4
Ingress Rate Limit Period
00 = 16ms
01 = 64ms
1x = 256ms
R/W
01b
3
Queue Based Egress Rate Limit Enable
1 = Queue-based egress rate limiting
0 = Port-based egress rate limiting
R/W
0b
2:0
RESERVED
RO
000b
Address:
0x0336
Size:
8 bits
Bits
Description
Type
Default
7
Flush MIB Counters
1 = Flush all MIB counters of enabled ports. Refer to the Port MIB Control
and Status Register.
0 = Normal counter operation
R/W
SC
0b
6
Freeze MIB Counters
1 = Freeze MIB counters of enabled ports. Refer to the Port MIB Control and
Status Register.
0 = Normal counter operation
R/W
0b
5:0
RESERVED
RO
00_0000b
Address:
0x0338
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When the tag PCP field is 0x1, use this value for priority
R/W
001b
3
RESERVED
RO
0b
2:0
When the tag PCP field is 0x0, use this value for priority
R/W
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com