Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 197 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 197 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 193Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 194Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 195Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 196Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 197Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 198Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 199Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 200Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 197
KSZ9563R
Supply Current - Power Management - Global Soft Power Down Mode
IDD_AH
AVDDH supply current
AVDDH @ 2.5V;
VDDIO @ 3.3V
2mA
IDD_IO
VDDIO supply current
8
mA
IDD_CA
AVDDL supply current
0.5
mA
IDD_CD
DVDDL supply current
4
mA
I Type CMOS Input Buffers (VDDIO = 3.3/2.5/1.8V)
VIH
Input High Voltage
2.1/1.7/1.3
V
VIL
Input Low Voltage
0.9/0.9/0.6
V
IIN
Input Current
VIN = GND ~ VDDIO
-10
10
µA
O8 Type CMOS Output Buffers (VDDIO = 3.3/2.5/1.8V)
VOH
Output High Voltage
IOH = 8/8/6 mA
2.4/1.9/1.5
V
VOL
Output Low Voltage
IOL = 8/8/6 mA
0.4/0.4/0.2
V
IOZ
Output Tri-State Leakage
VIN = GND ~ VDDIO
10
µA
O24 Type CMOS Output Buffers (VDDIO = 3.3/2.5/1.8V)
VOH
Output High Voltage
IOH = 24/24/14 mA
2.4/1.9/1.5
V
VOL
Output Low Voltage
IOL = 24/24/14 mA
0.4/0.4/0.2
V
IOZ
Output Tri-State Leakage
VIN = GND ~ VDDIO
10
µA
I/O Pin Internal Pull-Up and Pull-Down Effective Resistance
R1.8PU
I/O Pin Effective
Pull-Up Resistance
VDDIO = 1.8V
125
kΩ
R1.8PD
I/O Pin Effective
Pull-Down Resistance
97
kΩ
R2.5PU
I/O Pin Effective
Pull-Up Resistance
VDDIO = 2.5V
58
kΩ
R2.5PD
I/O Pin Effective
Pull-Down Resistance
51
kΩ
R3.3PU
I/O Pin Effective
Pull-Up Resistance
VDDIO = 3.3V
38
kΩ
R3.3PD
I/O Pin Effective
Pull-Down Resistance
39
kΩ
100BASE-TX Transmit (Measured Differentially After 1:1 Transformer)
VO
Peak Differential Output
100Ω termination on the
differential output
±0.95
±1.05
V
Vimb
Output Voltage Imbalance
100Ω termination on the
differential output
2%
tr , tf
Rise/Fall Time
3
5
ns
Rise/Fall Time Imbalance
0
0.5
ns
Duty cycle Distortion
±0.25
ns
Overshoot
5%
TABLE 6-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com