Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 135 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 135 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 131Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 132Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 133Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 134Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 135Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 136Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 137Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 138Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 135
KSZ9563R
5.2.2
PORT N: PORT ETHERNET PHY REGISTERS (0xN100 - 0xN1FF)
The registers in this section are for PHY ports only. Refer to the IEEE802.3 clause 22.3.4 for additional details.
5.2.2.1
PHY Basic Control Register
PHY register 0x00.
0
Receive Flow Control Enabled Status
For non-PHY ports, this bit duplicates the Rx FC enable bit 3 in the XMII Port
Control 0 Register.
For PHY ports, this bit is set only when FC is enabled (PHY Auto-Negotiation
Advertisement Register, bits 11:10), link is up and FC is established via auto-
negotiation.
1 = RX flow control is enabled
0 = Disabled
RO
-
Address:
0xN100 - 0xN101
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15
PHY Software Reset
Set this bit to reset this PHY. Registers are not reset. This bit is self-clearing.
R/W
SC
0b
14
Local Loopback Mode
Data going from the internal switch fabric to an egress port is looped back at
that egress port and returned to the internal switch fabric.
1 = Local Loopback mode
0 = Normal operation
R/W
0b
13
Speed Select (LSB)
This bit is ignored if auto-negotiation is enabled (bit 12 in this register).
Bits [6, 13]
11 = Reserved
10 = 1000 Mb/s
01 = 100 Mb/s
00 = 10 Mb/s
R/W
Note 5-4
12
Auto-Negotiation Enable
1 = Auto-negotiation is enabled
0 = Auto-negotiation is disabled
The initial value of this bit is determined by a strapping option, but it may be
overwritten.
R/W
Note 5-4
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com