Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 152 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 152 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 148Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 149Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 150Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 151Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 152Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 153Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 154Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 155Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 226 page
background image
KSZ9563R
DS00002419D-page 152
 2017-2018 Microchip Technology Inc.
5.2.3.3
XMII Port Control 3 Register
This register reports the In-Band Status (IBS) from the PHY attached to port 3 when in RGMII mode.
5.2.4
PORT N: PORT SWITCH MAC CONTROL REGISTERS (0xN400 - 0xN4FF)
5.2.4.1
Port MAC Control 0 Register
Address:
0xN303
Port N: 3
Size:
8 bits
Bits
Description
Type
Default
7:4
RESERVED
R/W
-
3
RGMII IBS Duplex Status
1 = Full-duplex
0 = Half-duplex
RO
-
2:1
RGMII IBS RX_CLK Clock Speed
11 = RESERVED
10 = 125 MHz (1000 Mbps)
01 = 25 MHz (100 Mbps)
00 = 2.5 MHz (10 Mbps)
RO
-
0
RGMII IBS Link Status
1 = Link up
0 = Link down
RO
-
Address:
0xN400
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:4
RESERVED
RO
0x0
3
RESERVED
R/W
0b
2
RESERVED
RO
0b
1
Broadcast Storm Protection Enable
1 = Enable broadcast storm protection for ingress traffic
0 = Disable broadcast storm protection for ingress traffic
R/W
0b
0
RESERVED
R/W
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com