Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 160 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 160 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 156Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 157Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 158Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 159Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 160Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 161Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 162Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 163Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 226 page
background image
KSZ9563R
DS00002419D-page 160
 2017-2018 Microchip Technology Inc.
5.2.5.2
Port MIB Data Register
5.2.6
PORT N: PORT SWITCH ACL CONTROL REGISTERS (0xN600 - 0xN6FF)
An Access Control List (ACL) Table is provided for each port. It is accessed via the following two indirect registers. Refer
to Section 5.3.5, "Access Control List (ACL) Table" for additional details.
5.2.6.1
Port ACL Access 0 Register
5.2.6.2
Port ACL Access 1 Register
Address:
0xN504 - 0xN507
Port N: 1-3
Size:
32 bits
Bits
Description
Type
Default
31:0
MIB Counter Value [31:0]
RO
0x0000
Address:
0xN600
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:4
RESERVED
RO
0x0
3:0
First Rule Number (FRN)
R/W
0x0
Address:
0xN601
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:6
RESERVED
R/W
00b
5:4
Mode
00 = No action taken
01 = Layer 2 MAC header filtering
10 = Layer 3 IP address filtering
11 = Layer 4 TCP port number / IP protocol filtering
R/W
00b
3:2
Enable
R/W
00b
1
Source / Destination
1 = Source
0 = Destination
R/W
0b
0
Compare Equal
1 = Match if the compared values are equal
0 = Match if the compared values are not equal
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com