Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 51 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 47Page - STMicroelectronics L99DZ100GP Datasheet HTML 48Page - STMicroelectronics L99DZ100GP Datasheet HTML 49Page - STMicroelectronics L99DZ100GP Datasheet HTML 50Page - STMicroelectronics L99DZ100GP Datasheet HTML 51Page - STMicroelectronics L99DZ100GP Datasheet HTML 52Page - STMicroelectronics L99DZ100GP Datasheet HTML 53Page - STMicroelectronics L99DZ100GP Datasheet HTML 54Page - STMicroelectronics L99DZ100GP Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 197 page
background image
DS11546 Rev 5
51/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
3.4.21
Fail safe low-side switch
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 18 V; Tj = 40 °C to 150 °C, unless otherwise specified.
IECDR
Current into ECDR
Vtarget(3) > VECV + 500 mV;
VECDR = 3.5 V
-100
-10
µA
Vtarget(3) < VECV - 500 mV;
VECDR = 1.0 V; Vtarget = 0 V;
VECV = 0.5 V
10
100
µA
Recdrdis
Pull-down resistance at
ECDR in fast discharge
mode and while EC-mode
is off
VECDR = 0.7 V; ECON = ‘1’,
EC<5:0> = 0 or ECON = ‘0’
10
kΩ
1. Bit ECV_HV (Config Reg) ='1' or ‘0’: ECV voltage, where IIECDR can change sign.
2. 1 LSB (Least Significant Bit) = 23.8 mV typ
3. Vtarget is set by bits EC<5:0> (CR 11) and bit ECV_HV (Config Reg); tested for each individual bit.
Table 26. Electro-chrome mirror driver (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 27. Fail safe low-side switch
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOUT_max
Max output voltage in
case of missing supply
IOUT = 1 mA; VS = VSREG = 0 V
2
2.5
V
RDSON
DC output resistance
ILOAD = 250 mA; Tj = 25 °C
1.4
Ω
ILOAD = 250 mA; Tj = 130 °C
2.2
Ω
IOLimit
Overcurrent limitation
8 V < VS < 16 V
500
1500
mA
tONHL
Turn on delay time to
10% VOUT
100
µs
tOFFLH
Turn off delay time to
90% VOUT
100
µs
tSCF
Short circuit filter time
64
µs
dVmax/dt
Maximum external
applied slew rate on
LS1_FSO and LS2_FSO
without switching on LS
Guaranteed by design
60
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com