Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 23Page - STMicroelectronics L99DZ100GP Datasheet HTML 24Page - STMicroelectronics L99DZ100GP Datasheet HTML 25Page - STMicroelectronics L99DZ100GP Datasheet HTML 26Page - STMicroelectronics L99DZ100GP Datasheet HTML 27Page - STMicroelectronics L99DZ100GP Datasheet HTML 28Page - STMicroelectronics L99DZ100GP Datasheet HTML 29Page - STMicroelectronics L99DZ100GP Datasheet HTML 30Page - STMicroelectronics L99DZ100GP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 197 page
background image
DS11546 Rev 5
27/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
Figure 7. LQFP64 package and PCB thermal configuration
Note:
Layout condition for Thermal Characterization (board finishing thickness 1.5 mm +/- 10%,
board four layers, board dimension 77 mm x 114 mm, board material FR4, Cu thickness
0,070 mm for outer layers, 0.0035 mm for inner layers, thermal vias separation 1.2 mm.
3.4
Electrical characteristics
3.4.1
Supply and supply monitoring
All SPI communication, logic and oscillator parameter are working down to VSREG = 3.5 V
and parameter are as specified in the according chapters (guaranteed by design).
SPI thresholds
Oscillator frequency (delay times correctly elapsed)
Internal register status correctly kept (reset at default values for VSREG< VPOR)
Reset threshold correctly detected
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; Tj = -40 °C to 150 °C, unless
otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com