Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 63 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 59Page - STMicroelectronics L99DZ100GP Datasheet HTML 60Page - STMicroelectronics L99DZ100GP Datasheet HTML 61Page - STMicroelectronics L99DZ100GP Datasheet HTML 62Page - STMicroelectronics L99DZ100GP Datasheet HTML 63Page - STMicroelectronics L99DZ100GP Datasheet HTML 64Page - STMicroelectronics L99DZ100GP Datasheet HTML 65Page - STMicroelectronics L99DZ100GP Datasheet HTML 66Page - STMicroelectronics L99DZ100GP Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 197 page
background image
DS11546 Rev 5
63/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
Note:
See Figure 17: SPI output timing.
Note:
See Figure 18: SPI CSN - output timing.
3.4.26
Inputs TxD_C and TxD_L for Flash mode
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6V ≤ VSREG ≤ 18; V1 = 5 V; Tj = -40 °C to 150 °C.
ten DO tri L
DO enable time from
3-state to low level
CL = 50 pF; ILOAD = -1 mA;
pull-up load to V1
50
100
ns
tdis DO L tri
DO disable time from
low level to 3-state
CL = 50 pF; ILOAD = -1 mA;
pull-up load to V1
50
100
ns
ten DO tri H
DO enable time from
3-state to high level
CL = 50 pF; ILOAD = -1 mA;
pull-down load to GND
50
100
ns
tdis DO H tri
DO disable time from
high level to 3-state
CL = 50 pF; ILOAD = -1 mA;
pull-down load to GND
50
100
ns
td DO
DO delay time
VDO < 0.3 V1;
VDO > 0.7 V1; CL = 50 pF
30
60
ns
Table 51. DO timing (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 52. CSN timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCSN_HI,min
Minimum CSN
High time, active
mode
Transfer of SPI-command to
Input Register
6
μs
tCSNfail
CSN low timeout
20
35
50
ms
Table 53. Inputs: TxD_C and TxD_L for Flash mode
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
VflashL
Input low level (VTXDC/L for
exit from Flash mode)
6.1
7.25
8.4
V
VflashH
Input high level (VTXDC/L for
transition into Flash mode)
7.4
8.4
9.4
V
VflashHYS
Input voltage hysteresis
0.6
0.8
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com