Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 20Page - STMicroelectronics L99DZ100GP Datasheet HTML 21Page - STMicroelectronics L99DZ100GP Datasheet HTML 22Page - STMicroelectronics L99DZ100GP Datasheet HTML 23Page - STMicroelectronics L99DZ100GP Datasheet HTML 24Page - STMicroelectronics L99DZ100GP Datasheet HTML 25Page - STMicroelectronics L99DZ100GP Datasheet HTML 26Page - STMicroelectronics L99DZ100GP Datasheet HTML 27Page - STMicroelectronics L99DZ100GP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
24/197
DS11546 Rev 5
L99DZ100G and L99DZ100GP thermal profiles
Profile 1
Battery Voltage: 16V, Ambient temperature start: 85°C
DC activation
V1 charged with 70 mA (DC activation)
V2 charged with 30 mA (DC activation)
OUT7: 1 x10W bulb (DC activation)
OUT8: 1 x 5W bulb (DC activation)
OUT11: 300 Ω resistor (DC activation)
OUT12: 300 Ω resistor (DC activation)
OUT13: 300 Ω resistor (DC activation)
OUT14: 300 Ω resistor (DC activation)
Cyclic activation
OUT4 – OUT5: 3,3 Ω resistor placed across those outputs
–
10 activations of Lock/Un-lock (250 ms ON Lock; 500 ms wait; 250 ms ON Un-
lock unlock; 500 ms wait)
OUT5 – OUT6: 10 Ω resistor placed across those outputs
–
(250 ms ON Safe Lock; 500 ms wait; 250 ms ON Safe unlock; 500 ms wait)
Test execution:
Once thermal equilibrium is reached with all DC load active, the “Cyclic Activation”
sequence is applied.
Temperature reading is logged just at the end of the whole sequence.
Figure 3. Activation profile 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com