Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 28Page - STMicroelectronics L99DZ100GP Datasheet HTML 29Page - STMicroelectronics L99DZ100GP Datasheet HTML 30Page - STMicroelectronics L99DZ100GP Datasheet HTML 31Page - STMicroelectronics L99DZ100GP Datasheet HTML 32Page - STMicroelectronics L99DZ100GP Datasheet HTML 33Page - STMicroelectronics L99DZ100GP Datasheet HTML 34Page - STMicroelectronics L99DZ100GP Datasheet HTML 35Page - STMicroelectronics L99DZ100GP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
32/197
DS11546 Rev 5
3.4.6
Reset output
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4V ≤ VSREG ≤ 28V; Tj = -40 °C to 150 °C, unless otherwise specified.
V2_25mA
Output voltage tolerance
(1 to 25 mA)
ILOAD = 25 mA; VSREG = 13.5 V
-3
3
%
V2_50mA
Output voltage tolerance
(25 to 50 mA)
ILOAD = 50 mA; VSREG = 13.5 V
-4
4
%
V2_100mA
Output voltage tolerance
(50 to 100 mA)
ILOAD = 100 mA; VSREG = 13.5 V
-4
4
%
VDP2
Drop-out voltage
ILOAD = 25 mA; VSREG = 5.25 V
0.3
0.4
V
ILOAD = 50 mA; VSREG = 5.25 V
0.4
0.8
V
ILOAD = 100 mA; VSREG = 13.5 V
1
1.6
V
ICC2
Output current in Active
mode
Max. continuous load current
50
mA
ICCmax2
Short circuit output
current
Current limitation
100
150
250
mA
Cload
Load capacitor
Ceramic (+/- 20%)
0.22 (1)
μF
V2fail
V2 fail threshold
V2 forced
2
V
tV2fail
V2 fail filter time
2
µs
tV2short
V2 short filter time
4
ms
1. Nominal capacitor value required for stability of the regulator. Tested with 220 nF ceramic (+/- 20%). Capacitor must be
located close to the regulator output pin. A 2.2 µF capacitor is recommended to minimize the DPI stress in the application.
Table 11. Voltage regulator V2 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 12. Reset output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VRT1falling
Reset threshold
voltage1
VV1 decreasing
3.25
3.5
3.7
V
VRT2falling
Reset threshold
voltage2
VV1 decreasing
3.55
3.8
4
V
VRT3falling
Reset threshold
voltage3
VV1 decreasing
3.75
4.0
4.2
V
VRT4falling
Reset threshold
voltage4
VV1 decreasing
4.1
4.3
4.5
V
VRTrising
Reset threshold
voltage4
VV1 increasing
4.67
4.8
4.87
V
VRESET
Reset Pin low output
voltage
V1 > 1 V; IRESET = 5 mA
0.2
0.4
V
RRESET
Reset pull up int.
resistor
10
20
30
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com