Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 14Page - STMicroelectronics L99DZ100GP Datasheet HTML 15Page - STMicroelectronics L99DZ100GP Datasheet HTML 16Page - STMicroelectronics L99DZ100GP Datasheet HTML 17Page - STMicroelectronics L99DZ100GP Datasheet HTML 18Page - STMicroelectronics L99DZ100GP Datasheet HTML 19Page - STMicroelectronics L99DZ100GP Datasheet HTML 20Page - STMicroelectronics L99DZ100GP Datasheet HTML 21Page - STMicroelectronics L99DZ100GP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 197 page
background image
Block diagram and pin descriptions
L99DZ100G, L99DZ100GP
18/197
DS11546 Rev 5
47
PWMH
PWMH input: this input signal can be used to control the H-bridge Gate
Drivers.
48
DIRH
Direction Input: this input controls the H-bridge Drivers for the external
MOSFETs
49
DIR2
Direct Drive Input 2
50
NRESET
NReset output to micro controller; (reset state = LOW) (Low-side switch
with drain connected to the output pin and internal pull up resistance to
5V_1)
51
5V_1
Voltage regulator 1 output: 5 V supply e.g. micro controller, CAN
transceiver
52
CAN Supply
CAN supply input; to allow external CAN supply from V1 or V2 regulator
53
NINT
Interrupt output (low active; push-pull output stage) to indicate VSREG
early warning (Active mode); indicates wake-up events from V1_standby
mode
54
CAN_L
CAN low level voltage I/O
55
CAN_H
CAN high level voltage I/O
56
Debug
Debug input to deactivate the window watchdog (high active)
57
LIN
LIN bus line
58
5V_2
Voltage regulator 2 output: 5 V supply for external loads (potentiometer,
sensors) or CAN Transceiver. V2 is protected against reverse supply
59
GL1
Gate driver for PowerMOS low-side switch in half-bridge 1
60
SH1
Source of high-side switch in half-bridge 1
61
GH1
Gate driver for PowerMOS high-side switch in half-bridge 1
62
GH2
Gate driver for PowerMOS high-side switch in half-bridge 2
63
SH2
Source of high-side switch in half-bridge 2
64
GL2
Gate driver for PowerMOS low-side switch in half-bridge 2
Table 2. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com