Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 60 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 56Page - STMicroelectronics L99DZ100GP Datasheet HTML 57Page - STMicroelectronics L99DZ100GP Datasheet HTML 58Page - STMicroelectronics L99DZ100GP Datasheet HTML 59Page - STMicroelectronics L99DZ100GP Datasheet HTML 60Page - STMicroelectronics L99DZ100GP Datasheet HTML 61Page - STMicroelectronics L99DZ100GP Datasheet HTML 62Page - STMicroelectronics L99DZ100GP Datasheet HTML 63Page - STMicroelectronics L99DZ100GP Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
60/197
DS11546 Rev 5
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6V < VS < 28V; Tj = -40 °C to 150 °C, unless otherwise specified.
Table 46. LIN transceiver timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tRXpd
Receiver propagation
delay time
tRXpd = max(tRXpdr, tRXpdf);
tRXpdf = t(0.5 VRXD)-t(0.45 VLIN);
tRXpdr = t(0.5 VRXD)-t(0.55 VLIN);
VSREG = 12 V; CRXD=20 pF;
Rbus = 1 kΩ, Cbus = 1 nF; Rbus = 660 Ω,
Cbus = 6.8 nF; Rbus = 500 Ω,
Cbus = 10 nF
6
μs
tRXpd_sym
Symmetry of receiver
propagation delay time
(rising vs. falling edge)
tRXpd_sym = tRXpdr - tRXpdf; VSRE = 12 V;
Rbus = 1 kΩ; Cbus = 1 nF; CRXD = 20 pF
-2
2
μs
D1
Duty Cycle 1
THRec(max) = 0.744 * VSREG;
THDom(max) = 0.581 * VSREG;
VSREG = 7 to 18 V, tbit = 50 µs;
D1 = tbus_rec(min) / (2 x tbit);
Rbus = 1 kΩ, Cbus = 1 nF; Rbus = 660 Ω,
Cbus = 6.8 nF; Rbus = 500 Ω,
Cbus = 10 nF
0.396
D2
Duty Cycle 2
THRec(min) = 0.422* VSREG;
THDom(min) = 0.284* VSREG;
VSREG = 7.6 to 18 V, tbit = 50 µs;
D2 = tbus_rec(max) / (2 x tbit);
Rbus = 1 kΩ, Cbus = 1 nF; Rbus = 660 Ω,
Cbus = 6.8 nF; Rbus = 500 Ω,
Cbus = 10 nF
0.581
D3
Duty Cycle 3
THRec(max) = 0.778* VSREG;
THDom(max) = 0.616* VSREG; VSREG = 7
to 18 V, tbit = 96 µs;
D3 = tbus_rec(min) / (2 x tbit);
Rbus = 1 kΩ, Cbus = 1 nF; Rbus = 660 Ω,
Cbus = 6.8 nF; Rbus = 500 Ω,
Cbus = 10 nF
0.417
D4
Duty Cycle 4
THRec(min) = 0.389* VSREG;
THDom(min) = 0.251* VSREG;
VSREG = 7.6 to 18 V, tbit = 96 µs;
D4 = tbus_rec(max) / (2 x tbit);
Rbus = 1 kΩ, Cbus = 1 nF; Rbus = 660 Ω,
Cbus = 6.8 nF; Rbus = 500 Ω,
Cbus = 10 nF
0.590
tdom(TXDL)
TXDL dominant time-
out
12
ms
tLIN
LIN permanent
recessive time-out
40
μs
tdom(bus)
LIN Bus permanent
dominant time-out
12
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com