Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 37Page - STMicroelectronics L99DZ100GP Datasheet HTML 38Page - STMicroelectronics L99DZ100GP Datasheet HTML 39Page - STMicroelectronics L99DZ100GP Datasheet HTML 40Page - STMicroelectronics L99DZ100GP Datasheet HTML 41Page - STMicroelectronics L99DZ100GP Datasheet HTML 42Page - STMicroelectronics L99DZ100GP Datasheet HTML 43Page - STMicroelectronics L99DZ100GP Datasheet HTML 44Page - STMicroelectronics L99DZ100GP Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 197 page
background image
DS11546 Rev 5
41/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
3.4.12
Current monitoring
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; Tj = -40 °C to 150 °C, unless
otherwise specified.
fPWMx(01) PWM switching frequency
VS/VSREG = 13.5 V;
V1 = 5 V
200
Hz
fPWMx(10) PWM switching frequency
VS/VSREG = 13.5 V;
V1 = 5 V
330
Hz
fPWMx(11) PWM switching frequency
VS/VSREG = 13.5 V;
V1 = 5 V
500
Hz
1. RLOAD = 16 Ω at OUT1,6 and OUT7,8 in low on-resistance mode
2. RLOAD = 4 Ω at OUT4,5
3. RLOAD = 128 Ω at OUT2,3,4,9,10,11,12,13,15,15,HS, ECV and OUT7,8 in high on-resistance mode
4. tCC is the switch-on delay time if complement in half bridge has to switch off
Table 17. Power outputs switching times (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 18. Current monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
|IOC1|,
|IOC6|
Overcurrent threshold HS & LS
VS = 13.5 V; V1 = 5 V; sink
and source
35
A
|IOC2|,
|IOC3|
0.5
1.0
A
|IOC4|
VS = 13.5 V; V1 = 5 V; sink
and source; Tj = -40 °C to
70 °C
7.5
10
A
VS = 13.5 V; V1 = 5 V; sink
and source; Tj = 130 °C
610
A
|IOC5_1|
VS = 13.5 V; V1 = 5 V; sink
and source
34
5
A
|IOC5_2|4.5
6
7.5
A
|IOC5_3|7.5
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com