Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 64 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 60Page - STMicroelectronics L99DZ100GP Datasheet HTML 61Page - STMicroelectronics L99DZ100GP Datasheet HTML 62Page - STMicroelectronics L99DZ100GP Datasheet HTML 63Page - STMicroelectronics L99DZ100GP Datasheet HTML 64Page - STMicroelectronics L99DZ100GP Datasheet HTML 65Page - STMicroelectronics L99DZ100GP Datasheet HTML 66Page - STMicroelectronics L99DZ100GP Datasheet HTML 67Page - STMicroelectronics L99DZ100GP Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
64/197
DS11546 Rev 5
3.4.27
Inputs DIRH, PWMH
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 18 V; Tj = -40 °C to 150 °C.
3.4.28
Debug input
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 18 V; Tj = -40 °C to 150 °C.
3.4.29
ADC characteristics
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 18 V, Tj = -40 °C to 150 °C.
Table 54. Inputs DIRH, PWMH
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIL
Input voltage low level
VSREG = 13.5 V
1
V
VIH
Input voltage high level
VSREG = 13.5 V
2.3
V
VIHYS
Input hysteresis
VSREG = 13.5 V
0.2
V
Iin
Input pull-down current
VSREG = 13.5 V
5
30
60
µA
Table 55. Debug input
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VdIL
Input voltage low level
VSREG = 13.5 V
1
V
VdIH
Input voltage high level
VSREG = 13.5 V
2.3
V
VdIHYS
Input hysteresis
VSREG = 13.5 V
0.2
V
Rdin
Pull-down resistor
VDEBUG = 6 to 18 V
2.5
5
7.5
kΩ
Table 56. ADC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tcon
Conversion time
2.5
µs
fADC
Clock frequency (see
fclk2)
8MHz
Acc
Accuracy
Voltage divider + reference(1)
-2
2
%
Overall accuracy for WU
input: VS = 22 V
-3
3
Overall accuracy for WU
input: VS = 18 V
-3.5
3.5
Overall accuracy for WU
input: VS = 6 V
-4
4
Overall accuracy for WU
input: VS = 4.5 V
-4.6
4.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com