Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 91 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 87Page - STMicroelectronics L99DZ100GP Datasheet HTML 88Page - STMicroelectronics L99DZ100GP Datasheet HTML 89Page - STMicroelectronics L99DZ100GP Datasheet HTML 90Page - STMicroelectronics L99DZ100GP Datasheet HTML 91Page - STMicroelectronics L99DZ100GP Datasheet HTML 92Page - STMicroelectronics L99DZ100GP Datasheet HTML 93Page - STMicroelectronics L99DZ100GP Datasheet HTML 94Page - STMicroelectronics L99DZ100GP Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 197 page
background image
DS11546 Rev 5
91/197
L99DZ100G, L99DZ100GP
Application information
196
transceiver is in a low power mode (TRX_BIAS or TRX_Sleep) the device can be woken up
by sending 2 consecutive dominant bits separated by a recessive bit.
A wake-up can be detected if the CAN transceiver was set in standby mode while the CAN
bus was in recessive (high) state or dominant (low) state (see Figure 32: CAN wake up
capabilities).
Figure 32. CAN wake up capabilities
For details, see Figure 31: CAN transceiver state diagram
Wakeup by Wake-up Frame (WUF)
In this configuration, the wake-up behavior is according to ISO 11898-6:2013. This option is
activated by setting SWEN = 1. Upon reception of a valid wake up frame, an interrupt will be
generated, the WUF flag will be set and the device enters Active mode.
The included frame-error-counter according ISO 11898-6:2013 is reset whenever selective
wake-up is set to enable and whenever tSilence has expired in TRX BIAS state (i.e. either on
a transition SWEN = 0 -> 1 or on a transition TRX BIAS -> TRX Sleep).
To detect a failure of the internal 32 MHz oscillator, the following mechanism is
implemented. While selective wake-up is enabled a timer is started with each recessive to
dominant edge. After 64 µs and with periodic 64 µs timer, a check is performed on CAN PN
oscillator activity, and if an oscillator fail is detected, the osc_mon bit is set to ‘1’.
Subsequently the device enters wake-up mode according to ISO11898-5 (wake-up pattern
wake-up).
For details, see Figure 31: CAN transceiver state diagram.
Sequence for enabling selective wakeup
After Power-On-Reset, the selective wakeup feature is disabled. The PN Configuration
Registers have to be read and verified by the microcontroller in order to ensure a valid
configuration. A read operation to Registers CR23 to CR29 is required to allow enabling the
selective wake-up feature (set SWEN=1). SWRD_CRxx (SR 12) bits will indicate a valid
read operation. The SWRD_CRxx bits are reset to 0 with every WRITE operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com