Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 76 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 72Page - STMicroelectronics L99DZ100GP Datasheet HTML 73Page - STMicroelectronics L99DZ100GP Datasheet HTML 74Page - STMicroelectronics L99DZ100GP Datasheet HTML 75Page - STMicroelectronics L99DZ100GP Datasheet HTML 76Page - STMicroelectronics L99DZ100GP Datasheet HTML 77Page - STMicroelectronics L99DZ100GP Datasheet HTML 78Page - STMicroelectronics L99DZ100GP Datasheet HTML 79Page - STMicroelectronics L99DZ100GP Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
76/197
DS11546 Rev 5
Note:
See also Figure 31: CAN transceiver state diagram.
4.3.7
VBAT_standby mode
The transition from Active mode to Vbat_standby mode is initiated by an SPI command. In
Vbat_standby mode, the voltage regulators V1 and V2 (depending on configuration in
CR 1), the power outputs (except OUT15 and OUT_HS) as well as LIN and CAN
transmitters are switched off.
An NReset pulse is generated upon wake-up from Vbat_standby mode. At transition into
Vbat_standby mode with selective wake-up enabled (SWEN = 1), the CAN transceiver is
automatically set to TRX_standby configuration (RXEN = 0).
4.4
Wake-up from Standby modes
A wake-up from standby mode will switch the device to Active mode. This can be initiated by
one or more of the following events:
To prevent the system from a deadlock condition (no wake up from standby possible) a
configuration where the wake up by LIN and HS CAN are both disabled is not allowed. All
wake-up sources are configured to default values in case of such invalid setting. The SPI
Error Bit SPIE (Global Status Byte) is set.
2. Interrupt can be disabled by SPI (CANTO_IRQ_EN).
3. SW_EN = 0, PWN_EN = 1 (Pretended Networking mode)
— no wake-up
— after reception of a wake-up patter (WUP) the transceiver enters TRX Bias mode
— Flags: WUP
Table 62. Wake-up events description
Wake up source
Description
LIN bus activity
Can be disabled by SPI
CAN bus activity
Can be disabled by SPI
Selective Wake-up can be enabled and configured by SPI
Level change of WU
Can be configured or disabled by SPI
IV1 >Icmp_ris
Device remains in V1_standby mode but watchdog is enabled (If
ICMP = 0). No interrupt is generated.
Timer Interrupt / Wake up
of µC by TIMER
Programmable by SPI:
– V1_standby mode: configurable timer interrupt. NINT and RxDL/NINT
interrupt signals are generated
– Vbat_standby mode: device wakes up after programmable timer
expiration, V1 regulator is turned on and NReset signal is generated
SPI Access
Always active (except in VBAT_STANDBY mode)
Wake up event: CSN is low and first rising edge on CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com