Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 13Page - STMicroelectronics L99DZ100GP Datasheet HTML 14Page - STMicroelectronics L99DZ100GP Datasheet HTML 15Page - STMicroelectronics L99DZ100GP Datasheet HTML 16Page - STMicroelectronics L99DZ100GP Datasheet HTML 17Page - STMicroelectronics L99DZ100GP Datasheet HTML 18Page - STMicroelectronics L99DZ100GP Datasheet HTML 19Page - STMicroelectronics L99DZ100GP Datasheet HTML 20Page - STMicroelectronics L99DZ100GP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 197 page
background image
DS11546 Rev 5
17/197
L99DZ100G, L99DZ100GP
Block diagram and pin descriptions
196
25
VSREG
Power supply voltage to supply the internal voltage regulators, OUT15
and the OUT_HS (external reverse battery protection required / Diode) for
this input a ceramic capacitor as close as possible to GND and an
electrolytic back up capacitor is recommended.
26
OUT_HS
High-side-driver output to drive LEDs or to supply contacts
27
OUT4
Half-bridge outputs: the output is built by a high-side and a low-side switch
which are internally connected. The output stage of both switches is a
power DMOS transistor. Each driver has an internal parasitic reverse
diode (bulk-drain-diode: high-side driver from output to VS, low-side driver
from GND to output)
28
OUT4; 2nd pin
Current capability (pin description see above)
29
OUT3
Half-bridge outputs: the output is built by a high-side and a low-side switch
which are internally connected. The output stage of both switches is a
power DMOS transistor. Each driver has an internal parasitic reverse
diode (bulk-drain-diode: high-side driver from output to VS, low-side driver
from GND to output)
30
VS; 3rd pin
Current capability (for the pin description see above)
31
OUT15
High-side-driver output to drive LEDs
32
PGND
Power GND
33
OUT8
High-side-driver output to drive LEDs or a 5 Watt bulb (programmable
Rdson)
34
ECDR
ECDR: using the device in EC control mode this pin is used to control the
gate of an external N-Channel MOSFET
35
SGND
Signal Ground
36
CM
Current monitor output: depending on the selected multiplexer bits
CM_SEL_x (CR 7) of the; Control Register this output sources an image
of the instant current; through the corresponding high-side driver with a
fixed ratio
37
ECV
ECV: using the device in EC control mode this pin is used as voltage
monitor input. For fast discharge an additional low-side-switch is
implemented
38
CLK
SPI: serial clock input
39
DO
SPI: serial data output (push pull output stage)
40
DI
SPI: serial data input
41
CSN
SPI: chip select not input
42
TxD_L
LIN Transmit data input
43
RxD_L/NINT
RxDL -> LIN receive data output; NINT -> indicates local/remote wake-up
events (push pull output stage)
44
TxD_C
CAN transmit data input
45
RxD_C/NINT
CAN receive data output NINT -> indicates local/remote wake-up events
(push pull output stage)
46
DIR1
Direct Drive Input 1
Table 2. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com