Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 18Page - STMicroelectronics L99DZ100GP Datasheet HTML 19Page - STMicroelectronics L99DZ100GP Datasheet HTML 20Page - STMicroelectronics L99DZ100GP Datasheet HTML 21Page - STMicroelectronics L99DZ100GP Datasheet HTML 22Page - STMicroelectronics L99DZ100GP Datasheet HTML 23Page - STMicroelectronics L99DZ100GP Datasheet HTML 24Page - STMicroelectronics L99DZ100GP Datasheet HTML 25Page - STMicroelectronics L99DZ100GP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
22/197
DS11546 Rev 5
Note:
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may
cause an irreversible damage of the integrated circuit!
Note:
Loss of ground or ground shift with externally grounded loads: ESD structures are
configured for nominal currents only. If external loads are connected to different grounds,
the current load must be limited to this nominal current.
3.2
ESD protection
IPGNDcum
Maximum cumulated current at PGND drawn
by OUT2 & OUT5(2)
±12.5
A
IPGNDcum
Maximum cumulated current at PGND drawn
by OUT3, OUT4 & ECV(2)
±12.5
A
ISGND
Maximum current at SGND(2)
±1.25
A
GND pins
PGND versus SGND
-0.3 to 0.3
V
1. 5V_2 is robust against SC to 28 V only in case VSREG is supplied.
2. Values for the absolute maximum DC current through the bond wires. This value does not consider
maximum power dissipation or other limits.
3. Guaranteed by design.
Table 3. Absolute maximum ratings (continued)
Symbol
Parameter / test condition
Value [DC voltage]
Unit
Table 4. ESD protection
Parameter
Value
Unit
All pins(1)
1. HBM (human body model, 100 pF, 1.5 kΩ) according to MIL 883C, Method 3015.7 or EIA/JESD22A114-A.
+/-2
kV
All power output pins (2): OUT1 – OUT15, OUT_HS, ECV
+/-4
kV
LIN
+/-8(2)
+/-9(3) (4)
+/-6(5)
2. HBM with all none zapped pins grounded.
3. Indirect ESD Test according to IEC 61000-4-2 (150 pF, 330 Ω) and ‘Hardware Requirements for LIN, CAN
and Flexray Interfaces in Automotive Applications’ (version 1.3, 2012-05-04).
4. Value has been verified by an external test house; the result was equal or better than minimum
requirement.
5. Direct ESD Test according to IEC 61000-4-2 (150 pF, 330 Ω) and ‘Hardware Requirements for LIN, CAN
and Flexray Interfaces in Automotive Applications’ (version 1.3, 2012-05-04).
kV
CAN_H, CAN_L
+/-8(2)
+/-6(5) (4)
kV
All pins(6)
6. Charged device model.
+/-500
V
Corner pins(6)
+/-750
V
All pins(7)
7. Machine model; C = 220 pF, R = 0 Ω.
+/- 200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com