Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GP Datasheet(PDF) 79 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 75Page - STMicroelectronics L99DZ100GP Datasheet HTML 76Page - STMicroelectronics L99DZ100GP Datasheet HTML 77Page - STMicroelectronics L99DZ100GP Datasheet HTML 78Page - STMicroelectronics L99DZ100GP Datasheet HTML 79Page - STMicroelectronics L99DZ100GP Datasheet HTML 80Page - STMicroelectronics L99DZ100GP Datasheet HTML 81Page - STMicroelectronics L99DZ100GP Datasheet HTML 82Page - STMicroelectronics L99DZ100GP Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 197 page
background image
DS11546 Rev 5
79/197
L99DZ100G, L99DZ100GP
Application information
196
Figure 23. Main operating modes
4.6
Configurable window watchdog
During normal operation, the watchdog monitors the micro controller within a programmable
trigger cycle.
After power-on or standby mode, the watchdog is started with a timeout (Long Open
Window tLW). The timeout allows the micro controller to run its own setup and then to start
the window watchdog by setting TRIG (CR1,ConfigReg) =1
Subsequently, the micro controller has to serve the watchdog by alternating the watchdog
trigger bit TRIG (CR1,Config Reg) within the safe trigger area TSWX.
The trigger time is configurable by SPI. A correct watchdog trigger signal will immediately
start the next cycle. After 8 watchdog failures in sequence, the V1 regulator is switched off
for tV1OFF. After 7 additional watchdog failures the V1 regulator is turned off permanently
and the device goes into Forced Vbat_standby mode. The status bit FORCED_SLEEP_WD
(SR 1) is set. A wake-up is possible by any activated wake-up source.
After wake-up from Forced Vbat_standby mode and the watchdog trigger still fails, the
device enters Forced Vbat_standby mode again after one Long Open Window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com