Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 23Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 24Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 25Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 26Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 27Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 28Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 29Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 30Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 230 page
background image
General Description
OSC1 and OSC2 Pins
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
General Description
The load capacitance values used in the oscillator circuit design should
include all stray capacitances. The ceramic resonator and components
should be mounted as close as possible to the pins for startup
stabilization and to minimize output distortion. An internal startup resistor
of approximately 2 M
Ω can be provided between OSC1 and OSC2 for
the ceramic resonator type oscillator by use of the OSCRES bit in the
MOR.
1.7.3 RC Oscillator
The lowest cost oscillator is the RC oscillator configuration where a
resistor is connected between the two oscillator pins as shown in Figure
1-3 (b). The internal startup resistor of approximately 2 M
Ω is not
recommended between OSC1 and OSC2 for the RC-type oscillator.
The selection of the RC oscillator configuration is done by product part
number selection as described in Section 17. Ordering Information.
1.7.4 External Clock
An external clock from another CMOS-compatible device can be
connected to the OSC1 input, with the OSC2 input not connected, as
shown in Figure 1-3 (c). This oscillator can be selected via software.
This configuration is possible regardless of whether the crystal/ceramic
resonator or RC oscillator configuration is used.
1.7.5 Internal Low-Power Oscillator
An internal low-power oscillator (LPO) is provided which is the default
oscillator out of reset. When operating from this internal LPO, the other
oscillator can be powered down by software to further conserve power.
The selection of the LPO configuration is done by product part number
selection as described in Section 17. Ordering Information.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com