Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 71Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 72Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 73Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 74Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 75Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 76Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 77Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 78Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 230 page
background image
Operating Modes
Low-Power Modes
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Operating Modes
The following conditions restart the CPU bus clock and bring the MCU
out of wait mode:
•
An external interrupt signal on the IRQ/VPP pin — A high-to-low
transition on the IRQ/VPP pin loads the program counter with the
contents of locations $1FFA and $1FFB.
•
An external interrupt signal on a port A external interrupt pin — If
selected by PIRQ bit in the MOR, a low-to-high transition on a
PA3–PA0 pin loads the program counter with the contents of
locations $1FFA and $1FFB.
•
A core timer interrupt — A core timer overflow or a real-time
interrupt loads the program counter with the contents of locations
$1FF8 and $1FF9.
•
A programmable timer interrupt — A programmable timer interrupt
driven by an input capture, output compare, or timer overflow
loads the program counter with the contents of locations $1FF6
and $1FF7.
•
An SIOP interrupt — An SIOP interrupt driven by the completion
of transmitted or received 8-bit data loads the program counter
with the contents of locations $1FF4 and $1FF5.
•
An analog subsystem interrupt — An analog subsystem interrupt
driven by a voltage comparison loads the program counter with
the contents of locations $1FF2 and $1FF3.
•
A COP watchdog reset — A timeout of the COP watchdog resets
the MCU and loads the program counter with the contents of
locations $1FFE and $1FFF. Software can enable real time
interrupts so that the MCU can periodically exit the wait mode to
reset the COP watchdog.
•
An external reset — A logic zero on the RESET pin resets the
MCU and loads the program counter with the contents of locations
$1FFE and $1FFF.
When the MCU exits the wait mode there is no delay before code
executes like occurs when exiting the stop or halt modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com