Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 61Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 62Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 63Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 64Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 65Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 66Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 67Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 68Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 230 page
background image
Resets
Reset States
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Resets
5.6.2 I/O Registers
A reset has the following effects on I/O registers:
•
Clears bits in data direction registers configuring pins as inputs:
–
DDRA5–DDRA0 in DDRA for port A
–
DDRB7–DDRB0 in DDRA for port B
–
DDRC7–DDRC0 in DDRC for port C
*
•
Clears bits in pulldown inhibit registers to enable pulldown
devices:
–
PDIA5–PDIA0 in PDRA for port A
–
PDIB7–PDIB0 in PDRB for port B
–
PDICH and PDICL in PDRA for port C
*
•
Has no effect on port A, B, or C
* data registers
•
Sets the IRQE bit in the interrupt status and control register (ISCR)
5.6.3 Core Timer
A reset has the following effects on the core timer:
•
Clears the core timer counter register (CTCR)
•
Clears the core timer interrupt flag and enable bits in the core timer
status and control register (CTSCR)
•
Sets the real-time interrupt rate selection bits (RT0 and RT1) such
that the device will start with the longest real-time interrupt and
longest COP timeout delays
5.6.4 COP Watchdog
A reset clears the COP watchdog timeout counter.
*Features related to Port C are only available on the 28-pin MC68HC705JP7 devices
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com