Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 51Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 52Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 53Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 54Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 55Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 56Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 57Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 58Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 230 page
background image
Interrupts
Core Timer Interrupts
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Interrupts
IRQR — Interrupt Request Reset
This write-only bit clears the IRQF flag bit and prevents redundant
execution of interrupt routines. Writing a logic one to IRQR clears the
IRQF. Writing a logic zero to IRQR has no effect. IRQR always reads
as a logic zero. Reset has no affect on IRQR.
1 = Clear IRQF flag bit
0 = No effect
4.7 Core Timer Interrupts
The core timer can generate the following interrupts:
•
Timer overflow interrupt
•
Real-time interrupt
Setting the I bit in the condition code register disables core timer
interrupts. The controls and flags for these interrupts are in the core
timer status and control register (CTSCR) located at $0008.
4.7.1 Core Timer Overflow Interrupt
An overflow interrupt request occurs if the core timer overflow flag (TOF)
becomes set while the core timer overflow interrupt enable bit (TOFE) is
also set. The TOF flag bit can be reset by writing a logical one to the
CTOFR bit in the CTSCR or by a reset of the device.
4.7.2 Real-Time Interrupt
A real-time interrupt request occurs if the real-time interrupt flag (RTIF)
in the CTSCR becomes set while the real-time interrupt enable bit
(RTIE) is also set. The RTIF flag bit can be reset by writing a logical one
to the RTIFR bit in the CTSCR or by a reset of the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com