Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 37Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 38Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 39Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 40Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 41Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 42Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 43Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 44Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 230 page
background image
Central Processor Unit (CPU)
Index Register (X)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Central Processor Unit (CPU)
3.4 Index Register (X)
The index register is a general-purpose 8-bit register as shown in Figure
3-3. In the indexed addressing modes, the CPU uses the byte in the
index register to determine the conditional address of the operand.
The 8-bit index register can also serve as a temporary data storage
location.
3.5 Stack Pointer (SP)
The stack pointer is a 16-bit register that contains the address of the next
location on the stack as shown in Figure 3-4. During a reset or after the
reset stack pointer (RSP) instruction, the stack pointer initializes to
$00FF. The address in the stack pointer decrements as data is pushed
onto the stack and increments as data is pulled from the stack.
The 10 most significant bits of the stack pointer are permanently fixed at
0000000011, so the stack pointer produces addresses from $00C0 to
$00FF. If subroutines and interrupts use more than 64 stack locations,
the stack pointer wraps around to address $00FF and begins writing
over the previously stored data. A subroutine uses two stack locations;
an interrupt uses five locations.
Bit 7
654321
Bit 0
Read:
Write:
Reset:
Unaffected by Reset
Figure 3-3. Index Register (X)
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Bit
0
Read:
0
000000011
Write:
Reset:
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
Figure 3-4. Stack Pointer (SP)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com