Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 82Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 83Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 84Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 85Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 86Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 87Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 88Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 89Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 230 page
background image
Parallel Input/Output
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Parallel Input/Output
7.4.3 Pulldown Register B (PDRB)
All port B pins can have software programmable pulldown devices
enabled or disabled globally by the SWPDI bit in the MOR. These
pulldown devices are individually controlled by the write-only pulldown
register B (PDRB) shown in Figure 7-7. Clearing the PDIB7–PDIB0 bits
in the PDRB turns on the pulldown devices if the port B pin is an input.
Reading the PDRB returns undefined results since it is a write-only
register. Reset clears the PDIB7–PDIB0 bits, which turns on all the port
B pulldown devices.
PDIB7–PDIB0 — Port B Pulldown Inhibit Bits
Writing to these write-only bits controls the port B pulldown devices.
Reading these pulldown register B bits returns undefined data. Reset
clears bits PDIB7–PDIB0.
1 = Corresponding port B pin pulldown device turned off
0 = Corresponding port B pin pulldown device turned on if pin has
been programmed by the DDRB to be an input
7.4.4 Port B Logic
All port B pins have the general I/O port logic similar to port A; but they
also share this function with inputs or outputs from other modules, which
are also attached to the pin itself or override the general I/O function.
PB0, PB1, PB2, and PB3 simply share their inputs with another module.
PB4, PB5, PB6, and PB7 will have their operation altered by outputs or
controls from other modules.
$0011
Bit 7
654321
Bit 0
Read:
Write:
PDIB7
PDIB6
PDIB5
PDIB4
PDIB3
PDIB2
PDIB1
DIB0
Reset:
00000000
= Unimplemented
Figure 7-7. Pulldown Register B (PDRB)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com