Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 78Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 79Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 80Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 81Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 82Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 83Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 84Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 85Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 230 page
background image
Parallel Input/Output
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Parallel Input/Output
PDIA5–PDIA0 — Port A Pulldown Inhibit Bits
Writing to these write-only bits controls the port A pulldown devices.
Reading these pulldown register A bits returns undefined data. Reset
clears bits PDIA5–PDIA0.
1 = Corresponding port A pin pulldown device turned off
0 = Corresponding port A pin pulldown device turned on if pin has
been programmed by the DDRA to be an input
7.3.4 Port A External Interrupts
The PIRQ bit in the MOR enables the PA3–PA0 pins to serve as external
interrupt pins in addition to the IRQ/VPP pin. The active interrupt state for
the PA3–PA0 pins is a logic one or a rising edge. A state of the PIRQ bit
in the MOR determines whether external interrupt inputs are edge-
sensitive only or both edge- and level-sensitive. Port A interrupts are
also interactive with each other and the IRQ/VPP pin as described in
4.6 External Interrupts.
NOTE:
When testing for external interrupts, the BIH and BIL instructions test the
voltage on the IRQ/VPP pin, not the state of the internal IRQ signal.
Therefore, BIH and BIL cannot test the port A external interrupt pins.
7.3.5 Port A Logic
When a PA0:PA5 pin is programmed as an output, reading the port bit
actually reads the value of the data latch and not the voltage on the pin
itself. When a PA0:PA5 pin is programmed as an input, reading the port
bit reads the voltage level on the pin. The data latch can always be
written, regardless of the state of its DDR bit. Figure 7-4 shows the I/O
logic of PA0:PA5 pins of port A.
The data latch can always be written, regardless of the state of its DDR
bits. Table 7-1 summarizes the operations of the port A pins.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com