Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 84Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 85Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 86Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 87Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 88Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 89Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 90Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 91Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 230 page
background image
Parallel Input/Output
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Parallel Input/Output
The PB0:3 pins share their inputs with another module. When using the
other attached module, the following conditions must be observed:
1. If the DDRB configures the pin as an output, then the port data
register can provide an output which may conflict with any external
input source to the other module. The pulldown device will be
disabled in this case.
2. If the DDRB configures the pin as an input, then reading the port
data register will return the state of the input in terms of the digital
threshold for that pin (analog inputs will default to logic states).
3. If DDRB configures the pin as an input and the pulldown device is
activated for a pin, it will also load the input to the other module.
4. If interaction between the port logic and the other module is not
desired, the pin should be configured as an input by clearing the
appropriate DDRB bit. The input pulldown device is disabled by
clearing the appropriate PDRB bit (or by disabling programmable
pulldowns with the SWPDI bit in the MOR).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com