Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 8Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 9Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 10Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 11Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 12Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 13Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 14Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 15Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 230 page
background image
Table of Contents
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Table of Contents
15.14 PEPROM and EPROM Programming Characteristics . . . . . .216
15.15 SIOP Timing (VDD = 5.0 Vdc) . . . . . . . . . . . . . . . . . . . . . . . . .216
15.16 SIOP Timing (VDD = 3.0 Vdc) . . . . . . . . . . . . . . . . . . . . . . . . .217
15.17 Reset Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .218
Section 16. Mechanical Specifications
16.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .221
16.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .221
16.3
20-Pin Plastic Dual In-Line Package (Case 738) . . . . . . . . . .222
16.4
20-Pin Small Outline Integrated Circuit (Case 751D) . . . . . . .222
16.5
28-Pin Plastic Dual In-Line Package (Case 710) . . . . . . . . . .223
16.6
28-Pin Small Outline Integrated Circuit (Case 751F) . . . . . . .223
16.7
20-Pin Windowed Ceramic Integrated Circuit (Case 732) . . .224
16.8
28-Pin Windowed Ceramic Integrated Circuit (Case 733A) . .224
Section 17. Ordering Information
17.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .225
17.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .225
17.3
MC68HC705JJ7 Order Numbers . . . . . . . . . . . . . . . . . . . . . .226
17.4
MC68HC705JP7 Order Numbers . . . . . . . . . . . . . . . . . . . . . .227
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com