Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 59Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 60Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 61Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 62Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 63Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 64Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 65Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 66Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 230 page
background image
Resets
Internal Resets
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Resets
EPMSEC — EPROM Security1
The EPMSEC bit is a write-only security bit to protect the contents of
the user EPROM code stored in locations $0700–$1FFF.
OPT — Optional Features
The OPT bit enables two additional features: direct drive by
comparator 1 output to PB4; and voltage offset capability to sample
capacitor in analog subsystem.
1 = Optional features enabled
0 = Optional features disabled
COPC — COP Clear
COPC is a write-only bit. Periodically writing a logic zero to COPC
prevents the COP watchdog from resetting the MCU. Reset clears the
COPC bit.
1 = No effect on COP watchdog timer
0 = Reset COP watchdog timer
The COP watchdog reset will assert the pulldown device to pull the
RESET pin low for three to four cycles of the internal bus.
The COP watchdog reset function can be enabled or disabled by
programming the COPEN bit in the MOR.
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the EPROM/OTPROM difficult for unauthorized users.
$1FF0
Bit 7
654321
Bit 0
Read:
EPMSEC
OPT
Write:
COPC
Reset:
U
UUUUUUU
= Unimplemented
U = Unaffected
Figure 5-2. COP and Security Register (COPR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com