Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 70Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 71Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 72Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 73Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 74Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 75Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 76Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 77Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 230 page
background image
Operating Modes
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Operating Modes
•
An external interrupt signal on a port A external interrupt pin — If
selected by the PIRQ bit in the MOR, a low-to-high transition on a
PA3–PA0 pin loads the program counter with the contents of
locations $1FFA and $1FFB.
•
External reset — A logic zero on the RESET pin resets the MCU
and loads the program counter with the contents of locations
$1FFE and $1FFF.
When the MCU exits stop mode, processing resumes after a
stabilization delay of 16 or 4064 internal bus cycles, depending on the
state of the DELAY bit in the MOR.
NOTE:
Execution of the STOP instruction without setting the SWAIT bit in the
MOR will cause the oscillators to stop, and, therefore, disable the COP
watchdog timer. If the COP watchdog timer is to be used, stop mode
should be changed to halt mode as described in 6.4.3 Halt Mode.
6.4.2 Wait Mode
The WAIT instruction puts the MCU in a low-power wait mode which
consumes more power than the stop mode and affects the MCU as
follows:
•
Enables interrupts by clearing the I bit in the condition code
register
•
Enables external interrupts by setting the IRQE bit in the IRQ
status and control register
•
Stops the CPU clock which drives the address and data buses, but
allows the selected oscillator to continue to clock the core timer,
programmable timer, analog subsystem, and SIOP
The WAIT instruction does not affect any other bits, registers, or I/O
lines.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com