Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 76Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 77Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 78Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 79Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 80Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 81Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 82Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 83Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 230 page
background image
Parallel Input/Output
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Parallel Input/Output
7.3.2 Data Direction Register A (DDRA)
The contents of the port A data direction register (DDRA) determine
whether each port A pin is an input or an output. Writing a logic one to a
DDRA bit enables the output buffer for the associated port A pin. A
DDRA bit set to a logic one also disables the pulldown device for that pin.
Writing a logic zero to a DDRA bit disables the output buffer for the
associated port A pin. The upper two bits always read as logical zeros.
A reset initializes all DDRA bits to logic zeros, configuring all port A pins
as inputs and disabling the voltage comparators from driving PA4 or
PA5.
DDRA5–DDRA0 — Port A Data Direction Bits
These read/write bits control port A data direction. Reset clears the
DDRA5–DDRA0 bits.
1 = Corresponding port A pin configured as output and pulldown
device disabled
0 = Corresponding port A pin configured as input
$0004
Bit 7
654321
Bit 0
Read:
0
0
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
Write:
Reset:
00000000
= Unimplemented
Figure 7-2. Data Direction Register A (DDRA)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com