Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 68Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 69Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 70Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 71Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 72Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 73Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 74Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 75Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 230 page
background image
Operating Modes
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Operating Modes
Figure 6-2. Stop/Wait/Halt Flowchart
STOP
SWAIT BIT
IN MOR SET?
CLEAR I BIT IN CCR.
SET IRQE BIT IN ISCR.
CLEAR CTOF, RTIF, CTOFE, AND RTIE BITS IN TSCR.
DISABLE EXTERNAL PIN OSCILLATOR.
EXTERNAL
RESET?
EXTERNAL
INTERRUPT?
NO
NO
NO
TURN ON SELECTED OSCILLATOR.
RESET STABILIZATION DELAY TIMER.
YES
YES
HALT
YES
END OF
STABILIZATION
DELAY?
YES
NO
NO
EXTERNAL
RESET?
CLEAR I BIT IN CCR.
SET IRQE BIT IN ISCR.
TURN OFF CPU CLOCK.
KEEP OTHER MODULE
YES
WAIT
TURN ON CPU CLOCK.
1. LOAD PC WITH RESET VECTOR
OR
2. SERVICE INTERRUPT.
a. SAVE CPU REGISTERS ON STACK.
b. SET I BIT IN CCR.
c. LOAD PC WITH INTERRUPT VECTOR.
TURN OFF INTERNAL LOW-POWER OSCILLATOR.
CLEAR ICF, OCF, AND TOF BITS IN TSR.
CLEAR ICIE, OCIE, AND TOIE BITS IN TCR.
CLOCKS ACTIVE.
NO
CORE
INTERRUPT?
YES
TIMER
NO
EXTERNAL
INTERRUPT?
YES
NO
PROG.
INTERRUPT?
YES
TIMER
NO
SIOP
INTERRUPT?
YES
NO
INTERRUPT?
YES
ANALOG
NO
COP
RESET?
YES
CLEAR I BIT IN CCR.
SET IRQE BIT IN ISCR.
TURN OFF CPU CLOCK.
KEEP OTHER MODULE
CLOCKS ACTIVE.
NO
EXTERNAL
RESET?
YES
NO
CORE
INTERRUPT?
YES
TIMER
NO
EXTERNAL
INTERRUPT?
YES
NO
PROG.
INTERRUPT?
YES
TIMER
NO
SIOP
INTERRUPT?
YES
NO
YES
NO
COP
RESET?
YES
INTERRUPT?
ANALOG
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com