Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 75Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 76Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 77Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 78Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 79Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 80Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 81Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 82Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 230 page
background image
Parallel Input/Output
Port A
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Parallel Input/Output
7.3.1 Port A Data Register (PORTA)
The port A data register contains a bit for each of the port A pins. When
a port A pin is programmed to be an output, the state of its data register
bit determines the state of the output pin. When a port A pin is
programmed to be an input, reading the port A data register returns the
logic state of the pin. The upper two bits of the port A data register will
always read as logical zeros.
PA5–PA0 — Port A Data Bits
These read/write bits are software programmable. Data direction of
each bit is under the control of the corresponding bit in the port A data
direction register (DDRA). Reset has no effect on port A data.
$0000
Bit 7
654321
Bit 0
Read:
0
0
PA5
PA4
PA3
PA2
PA1
PA0
Write:
Reset:
Unaffected by Reset
Alternate:
KYBD3
KYBD2
KYBD1
KYBD0
= Unimplemented
Figure 7-1. Port A Data Register (PORTA)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com