Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 119 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 115Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 116Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 117Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 118Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 119Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 120Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 121Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 122Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 230 page
background image
Analog Subsystem
A/D Conversion Methods
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Analog Subsystem
cleared when the device is reset, the MC68HC705JJ7/MC68HC705JP7
starts with the charge and discharge function disabled.
The length of time required to reach the maximum voltage to be
measured and the speed of the time counting mechanism will determine
the resolution of the reading. The time to ramp the external capacitor
voltage to match the maximum voltage is dependent on:
•
Charging current to external capacitor
•
Value of the external capacitor
•
Clock rate for timing function
•
Any prescaling of the clock to the timing function
•
Desired resolution
The charging behavior is described by the general equation:
tCHG = CEXT x VX / ICHG
Where:
tCHG = Charge time (seconds)
CEXT = Capacitance (µF)
VX
= Unknown voltage (volts)
ICHG = Charge current (µA)
Since the MCU can measure time in a variety of ways, the resolution of
the conversion will depend on the length of the time keeping function and
its prescaling to the oscillator frequency (fOSC). Therefore the charge
time also equals:
tCHG = P x N / fOSC
Where:
P
= Prescaler value (
÷ 2, ÷ 4, ÷ 8, etc.)
N
= Number of counts during charge time
fOSC = Oscillator clock frequency (Hz)
NOTE:
Noise on the system ground or the external ramping capacitor can cause
the comparator to trip prematurely. Therefore in any given application it
is best to use the fastest possible ramp rate (shortest charge time).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com