Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 126 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 122Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 123Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 124Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 125Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 126Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 127Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 128Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 129Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
Figure 8-10. A/D Conversion — TOF/ICF Control (Mode 2)
tDIS
(MIN)
tCHG x ICHG
CEXT
tCHG
tDIS
VX =
VMAX
CHG
COMP2
0
TOF
OCF
ICF
(MIN)
VCAP
tDIS
VX
1
2
3
1
2
(TCAP)
Point
Action
Software/Hardware Action
Dependent Variable(s)
0
Begin initial discharge and select mode
2 by clearing CHG and ATD1 and
setting ATD2 in the ACR. Also set
ICEN bit in ACR and IEDG bit in TCR.
Software write
Software
1VCAP falls to VSS.
Wait out minimum tDIS time
VMAX, IDIS, CEXT
2
Stop discharge and begin charge when
the next TOF sets the CHG control bit
in ACR.
Timer TOF sets the CHG control
bit in the ACR.
Free-running timer
counter overflow, fOSC
3
VCAP rises to VX and comparator 2
output trips, setting CPF2 and CMP2,
which causes an ICF from the timer
and clears the CHG control bit in ACR.
Must clear CPF2 in order to trap next
CPF2 flag.
Wait out tCHG time
Timer ICF clears the CHG
control bit in the ACR.
VX, ICHG, CEXT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com