Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 17Page - NXP Semiconductors FS6408 Datasheet HTML 18Page - NXP Semiconductors FS6408 Datasheet HTML 19Page - NXP Semiconductors FS6408 Datasheet HTML 20Page - NXP Semiconductors FS6408 Datasheet HTML 21Page - NXP Semiconductors FS6408 Datasheet HTML 22Page - NXP Semiconductors FS6408 Datasheet HTML 23Page - NXP Semiconductors FS6408 Datasheet HTML 24Page - NXP Semiconductors FS6408 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
NXP Semiconductors
21
FS6407/FS6408
Vaux voltage regulator
tAUX_LIM
VAUX Output Current Limitation Filter Time
1.0
–
3.0
µs
tAUX_LIM_OFF1
tAUX_LIM_OFF2
VAUX Output Current Limitation Duration
10
50
–
–
–
–
ms
tAUX_TSD
VAUX Thermal Detection Filter Time
1.0
–
3.0
µs
dIAUX/dt
VAUX Load Transient
–
2.0
–
A/ms
(21)
VAUX_SOFT
VAUX Soft Start (5.0 V and 3.3 V)
–
–
50
V/ms
CAN_5V voltage regulator
tCAN_LIM
Output Current Limitation Filter Time
2.0
–
4.0
µs
tCAN_TSD
VCAN Thermal Detection Filter Time
1.0
–
3.0
µs
tCAN_UV
VCAN Undervoltage Filtering Time
4.0
–
7.0
µs
tCAN_OV
VCAN Overvoltage Filtering Time
100
–
200
µs
dICAN/dt
VCAN Load Transient
–
100
–
A/ms
(21)
Fail-safe machine voltage supervisor
tPRE_OV
VPRE Overvoltage Filtering Time
128
–
234
µs
tCORE_UV
VCORE FB Undervoltage Filtering Time
4.0
–
10
µs
tCORE_OV
VCORE FB Overvoltage Filtering Time
128
–
234
µs
tCCA_UV
VCCA Undervoltage Filtering Time
4.0
–
10
µs
tCCA_OV
VCCA Overvoltage Filtering Time
128
–
234
µs
tAUX_UV
VAUX Undervoltage Filtering Time
4.0
–
10
µs
tAUX_OV
VAUX Overvoltage Filtering Time
128
–
234
µs
Digital input - multi-purpose IOS
FIO_IN
Digital Input Frequency Range
0.0
–
100
kHz
Analog multiplexer
tMUX_READY
SPI Selection to Data Ready to be Sampled on Mux_out
•VDDIO = 5.0 V, CMUX_OUT = 1.0 nF
––
10
µs
Interrupt
tINTB_LG
INTB Pulse Duration (long)
90
100
–
µs
tINTB_ST
INTB Pulse Duration (short)
20
25
–
µs
Functional sate machine
tWU_GEN
General Wake-up Signal Deglitch Time (for any wu signal on IOs)
60
70
80
µs
Notes
21.
Guaranteed by characterization.
Table 5. Dynamic electrical characteristics (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com