Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 60Page - NXP Semiconductors FS6408 Datasheet HTML 61Page - NXP Semiconductors FS6408 Datasheet HTML 62Page - NXP Semiconductors FS6408 Datasheet HTML 63Page - NXP Semiconductors FS6408 Datasheet HTML 64Page - NXP Semiconductors FS6408 Datasheet HTML 65Page - NXP Semiconductors FS6408 Datasheet HTML 66Page - NXP Semiconductors FS6408 Datasheet HTML 67Page - NXP Semiconductors FS6408 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 111 page
background image
64
NXP Semiconductors
FS6407/FS6408
7.2.1
Register address table
Table 14 is a list of device registers and addresses coded in bits 13 to 9 in MOSI for main logic.
Table 15 is a list of device registers and addresses coded in bits 13 to 9 in MOSI for fail-safe logic
Table 14. Register mapping of main logic
Register
Address
Write description
Table ref.
FS/M
A4
A3
A2
A1
A0
Hex
NOT USED
0
0000
0
#0(00h)
N/A
N/A
INIT Vreg 1
0
0000
1
#1(01h)
Write during INIT phase then read only
Table 17
INIT Vreg2
0
0001
0
#2(02h)
Write during INIT phase then read only
Table 19
INIT CAN
0
0001
1
#3(03h)
Write during INIT phase then read only
Table 21
INIT IO_WU1
0
0010
0
#4(04h)
Write during INIT phase then read only
Table 23
INIT IO_WU2
0
0010
1
#5(05h)
Write during INIT phase then read only
Table 25
INIT INT
0
0011
0
#6(06h)
Write during INIT phase then read only
Table 27
NOT USED
0
0011
1
#7(07h)
N/A
N/A
HW Config
0
0100
0
#8(08h)
Read only
Table 29
WU Source
0
0100
1
#9(09h)
Read only
Table 31
NOT USED
0
0101
0
#10(0Ah)
N/A
N/A
IO_input
0
0101
1
#11(0Bh)
Read only
Table 33
Status Vreg#1
0
0110
0
#12(0Ch)
Read only
Table 35
Status Vreg#2
0
0110
1
#13(0Dh)
Read only
Table 37
Diag Vreg#1
0
0111
0
#14(0Eh)
Read only
Table 39
Diag Vreg#2
0
0111
1
#15(0Fh)
Read only
Table 41
Diag Vreg#3
0
1000
0
#16(10h)
Read only
Table 43
Diag CAN1
0
1000
1
#17(11h)
Read only
Table 45
Diag CAN
0
1001
0
#18(12h)
Read only
Table 47
Diag SPI
0
1001
1
#19(13h)
Read only
Table 49
NOT USED
0
1010
0
#20(14h)
N/A
N/A
MODE
0
1010
1
#21(15h)
Write during Normal and Read
Table 51
Vreg Mode
0
1011
0
#22(16h)
Write during Normal and Read
Table 53
IO_OUT/AMUX
0
1011
1
#23(17h)
Write during Normal and Read
Table 55
CAN Mode
0
1100
0
#24(18h)
Write during Normal and Read
Table 57
CAN Mode 2
0
1100
1
#25(19h)
Write during Normal and Read
Table 59
Table 15. Register mapping of fail-safe logic
Register
Address
Write description
Table ref.
FS/M
A4
A3
A2
A1
A0
Hex
INIT Supervisor#1
1
00001
#33(21h)
Write during INIT phase then Read only
Table 61
INIT Supervisor#2
1
00010
#34(22h)
Write during INIT phase then Read only
Table 63
INIT Supervisor#3
1
00011
#35(23h)
Write during INIT phase then Read only
Table 65
INIT FSSM#1
1
00100
#36(24h)
Write during INIT phase then Read only
Table 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com