Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 36Page - NXP Semiconductors FS6408 Datasheet HTML 37Page - NXP Semiconductors FS6408 Datasheet HTML 38Page - NXP Semiconductors FS6408 Datasheet HTML 39Page - NXP Semiconductors FS6408 Datasheet HTML 40Page - NXP Semiconductors FS6408 Datasheet HTML 41Page - NXP Semiconductors FS6408 Datasheet HTML 42Page - NXP Semiconductors FS6408 Datasheet HTML 43Page - NXP Semiconductors FS6408 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 111 page
background image
40
NXP Semiconductors
FS6407/FS6408
Figure 20. Reset error counter and FS0B deactivation sequence (RSTB_err_FS = 0 & WD_CNT_error1:0 = 6)
6.5.4
Fail-safe output (FS0B) deactivation
When the fail-safe output FS0B is asserted low by the device due to a fault, some conditions must be validated before allowing the FS0B
pin to be deactivated by the device. These conditions are:
• Fault is removed
• Reset error counter must be at “0”
• FS_OUT register must be filled with the right value.
6.5.4.1
Faults triggering FS0B activation
The activation of the FS0B is clearly dependent on the product configuration, but the following items can be settled:
• IO_01/IO_23/IO_45 error detection
• Undervoltage
•Overvoltage
• IO_1 FB_Core Delta
• Analog BIST fail (not configurable)
• SPI DED (not configurable)
• RSTB shorted to high (not configurable)
• RSTB error counter level
6.5.5
SPI DED
Some SPI registers affect some safety critical aspects of the fail-safe functions, and thus are required to be protected against SEU (Single
Event Upset). Only fail-safe registers are concerned. During INIT FS mode, access to fail-safe registers for product configuration is open.
Then once the INIT FS phase is over, the Hamming circuitry is activated to protect registers content.
At this stage, if there is 1 single bit flip, the detection is made due to hamming code, and the error is corrected automatically (fully
transparent for the user), and a flag is sent. If there are two errors (DED - Dual Error Detection), the detection is made due to hamming
code but detected errors cannot be corrected. The flag is sent, RSTB and FS0B are activated.
6.5.6
FS_OUT register
When the fault is removed and the reset error counter changes back to level “0”, a right word must be filled in the FS_OUT register. The
value is dependant on the current WD_LFSR. LSB and MSB must be swapped and negative operation per bit must be applied.
Figure 21. FS_OUT register based on LFSR value
RSTb
Reset error counter
RST_ERR_CNT
1
FS0b
0
# WD refresh counter max value +1
consecutive WD answers OK
FS_OUT
write OK
Output stage ON
OFF
1
2
WD error counter
= 6
WD error counter
= 6
WD error counter
= 6
3
ON
Reset delay
2
# WD refresh counter max value +1
consecutive WD answers OK
OFF
FS_OUT
write OK
1
0
WD_LFSR_7:0=
b7
b6
b5
b4
b3
b2
b1
b0
FS_OUT_7:0 =
b0b1b2b3b4b5b6b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com