Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 26Page - NXP Semiconductors FS6408 Datasheet HTML 27Page - NXP Semiconductors FS6408 Datasheet HTML 28Page - NXP Semiconductors FS6408 Datasheet HTML 29Page - NXP Semiconductors FS6408 Datasheet HTML 30Page - NXP Semiconductors FS6408 Datasheet HTML 31Page - NXP Semiconductors FS6408 Datasheet HTML 32Page - NXP Semiconductors FS6408 Datasheet HTML 33Page - NXP Semiconductors FS6408 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
30
NXP Semiconductors
FS6407/FS6408
6.2.2
Select pin configuration
This phase detects the required voltage level to apply on VAUX and VCCA, according to the resistor value connected between the
SELECT pin and ground, (VAUX used) or between the SELECT pin and VPRE (VAUX not used). This mode is the equivalent mode seen
in the main state machine. Difference is in the fail-safe machine, this detection is used to internally set the UV/OV threshold on VCCA and
VAUX for the voltage supervision.
6.2.3
ABIST
Included in the fail-safe machine, the analog built-in self test (ABIST) verifies the correct functionality of the analog part of the device, like
the overvoltage and undervoltage detections of the voltage supervisor and the RTSTB and FS0B fail-safe outputs feedback (Table 9).
The ABIST is run at start-up and after each wake-up event when the device is in LPOFF mode.
6.2.4
Release RSTB
In this state, the device releases the RSTB pin.
6.2.5
INIT FS
This mode is automatically entered after the device is “powered on” and only if built-in self tests (Logic and Analog) have been passed
successfully. This INIT FS mode starts as soon as RSTB is released (means no “Activate RST” faults are present and no external reset
is requested). Faults leading to an “Activate RST” are described in Reset error counter.
In this mode, the device can be configured via the SPI within a maximum time of 256 ms, including first watchdog refresh. Some registers
can only be configured in this mode and is locked when leaving INIT FS mode (refer to Table 14 and Table 15). It is recommended, to
configure first the device before sending the first WD refresh. As soon as the first good watchdog refresh is sent by the MCU, the device
leaves this mode and goes into Normal WD mode.
6.2.6
Normal WD is running
In this mode, the device waits for a periodic watchdog refresh coming from the MCU, within a specific configured window timing.
Configuration of the watchdog window period can be set during INIT FS phase or in this mode. This mode is exited if there are consecutive
bad watchdog refreshes, if there is an external reset request, or if a fault occurs leading to an RSTB activation.
6.2.7
RST delay
When the reset pin is asserted low by the device, a delay runs, to release the RSTB, if there are no faults present. The reset low duration
time is configurable via the SPI in the INIT_ FSSM1 register, which is accessible for writing only in the INIT FS phase.
Table 9. Regulators and fail-safe pins checked during ABIST
Parameters
Overvoltage
Undervoltage
OK/NOK
VPRE
X
VCORE
X
X
VCCA
X
X
VAUX
X
X
IO_1 FB_Core Delta
X
RSTB
X
FS0B
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com