Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 82Page - NXP Semiconductors FS6408 Datasheet HTML 83Page - NXP Semiconductors FS6408 Datasheet HTML 84Page - NXP Semiconductors FS6408 Datasheet HTML 85Page - NXP Semiconductors FS6408 Datasheet HTML 86Page - NXP Semiconductors FS6408 Datasheet HTML 87Page - NXP Semiconductors FS6408 Datasheet HTML 88Page - NXP Semiconductors FS6408 Datasheet HTML 89Page - NXP Semiconductors FS6408 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
86
NXP Semiconductors
FS6407/FS6408
7.3.23 INIT SUPERVISOR1
Table 60. CAN_MODE_2. Description and configuration of the bits (default value in bold)
Vcan_OV_Mon
Description
VCAN OV Monitoring
0OFF. VCAN OV is not monitored. Flag is ignored
1ON. VCAN OV flag is under monitoring. In case of OV the VCAN regulator is switched OFF.
Reset condition
Power On Reset
Secure 3:0
Description
Secured bits based on write bits
Secured_3 = NOT(bit5)
Secured_2 = NOT(bit4)
Secured_1 = bit7
Secured_0 = bit6
Table 61. INIT SUPERVISOR1 register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
110000
1
P
Vcore_
FS1
Vcore_
FS_0
Vcca_F
S_1
Vcca_F
S_0
secure
_3
Secure
_2
Secure
_1
Secure
_0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
SPI_FS
_err
SPI_FS
_CLK
SPI_FS
_Req
SPI_FS
_Parity
Vcore_
FS1
Vcore_
FS_0
Vcca_F
S_1
Vcca_F
S_0
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
010000
10000
00000
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
SPI_FS
_err
SPI_FS
_CLK
SPI_FS
_Req
SPI_FS
_Parity
Vcore_
FS1
Vcore_
FS_0
Vcca_F
S_1
Vcca_F
S_0
Table 62. INIT SUPERVISOR1. Description and configuration of the bits (default value in bold)
Vcore_FS1:0
Description
VCORE safety input.
00
No effect of VCORE_FB_OV and VCORE_FB_UV on RSTb and FSxx
01
VCORE_FB_OV DOES HAVE an impact on RSTb and FSxx. VCORE_FB_UV DOES HAVE an impact on RSTb
only
10
VCORE_FB_OV DOES HAVE an impact on RSTb and FSxx. No effect of VCORE_FB_UV on RSTb and FSxx
11
Both VCORE_FB_OV and VCORE_FB_UV DO HAVE an impact on RSTb and FSxx
Reset condition
Power On Reset
Vcca_FS1:0
Description
VCCA safety input.
00
No effect of VCCA_OV and VCCA_UV on RSTb and FSxx
01
VCCA_OV DOES HAVE an impact on RSTb and FSxx. VCCA_UV DOES HAVE an impact on RSTb only
10
VCCA_OV DOES HAVE an impact on RSTb and FSxx. No effect of VCCA_UV on RSTb and FSxx
11
Both VCCA_OV and VCCA_UV DO HAVE an impact on RSTb and FSxx
Reset condition
Power On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com