Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 41Page - NXP Semiconductors FS6408 Datasheet HTML 42Page - NXP Semiconductors FS6408 Datasheet HTML 43Page - NXP Semiconductors FS6408 Datasheet HTML 44Page - NXP Semiconductors FS6408 Datasheet HTML 45Page - NXP Semiconductors FS6408 Datasheet HTML 46Page - NXP Semiconductors FS6408 Datasheet HTML 47Page - NXP Semiconductors FS6408 Datasheet HTML 48Page - NXP Semiconductors FS6408 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
NXP Semiconductors
45
FS6407/FS6408
6.7.1.2
Low VSUP management
When VPRE is set up to work in buck only mode, the application can work down to VSUP = VSUP_UV_L_B = 4.6V with a minimum of 500 mA
current guaranteed on VPRE..
Figure 28. Behavior at low VSUP (buck configuration)
When VPRE is set up to work in boost mode, the application can work down to VSUP = VSUP_UV_L = 2.7 V with a minimum of 300 mA
current guaranteed on VPRE.
Buck_Boost
Mask
VSUP
VSNS_UV
Buck
VPRE_EN
VPRE
INTB
RSTB
VCORE
VCORE_FB_UV * ((R3+R4)/R4)
VSENSE
VSUP_UV_L_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com