Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 5 Page - NXP Semiconductors

  FS6408 Datasheet HTML 1Page - NXP Semiconductors FS6408 Datasheet HTML 2Page - NXP Semiconductors FS6408 Datasheet HTML 3Page - NXP Semiconductors FS6408 Datasheet HTML 4Page - NXP Semiconductors FS6408 Datasheet HTML 5Page - NXP Semiconductors FS6408 Datasheet HTML 6Page - NXP Semiconductors FS6408 Datasheet HTML 7Page - NXP Semiconductors FS6408 Datasheet HTML 8Page - NXP Semiconductors FS6408 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 111 page
background image
NXP Semiconductors
5
FS6407/FS6408
3
Pin connections
3.1
Pinout diagram for FS6407/FS6408
Figure 4. FS6407/FS6408 pinout
3.2
Pin definitions
A functional description of each pin can be found in the functional pin description section beginning on page 22.
Table 2. FS6407/FS6408 pin definition
Pin Number
Pin Name
Type
Definition
1
VSUP1
A_IN
Power supply of the device. An external reverse battery protection diode in series is mandatory
2
VSUP2
A_IN
Second power supply. Protected by the external reverse battery protection diode used for VSUP1. VSUP1
and VSUP2 must be connected together externally.
3
VSENSE
A_IN
Sensing of the battery voltage. Must be connected prior to the reverse battery protection diode.
4
VSUP3
A_IN
Third power supply dedicated to the device supply. Protected by the external reverse battery protection
diode used for VSUP1. Must be connected between the reverse protection diode and the input PI filter.
5, 22, 23
NC
N/A
Not connected. Pins must be left open.
6
GND_COM
GND
Dedicated ground for CAN
7
CAN_5V
A_OUT
Output voltage for the embedded CAN interface
8
CANH
A_IN/OUT HSCAN output High
9
CANL
A_IN/OUT HSCAN output Low
VSUP1
VSUP2
VSENSE
VSUP3
NC
GND_COM
CAN_5V
CANH
CANL
IO_4
IO_5
IO_0
MISO
MOSI
SCLK
NCS
INTB
VDDIO
SELECT
FB_CORE
VCORE_SNS
COMP_CORE
SW_CORE
BOOT_CORE
Transparent top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com