Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 92Page - NXP Semiconductors FS6408 Datasheet HTML 93Page - NXP Semiconductors FS6408 Datasheet HTML 94Page - NXP Semiconductors FS6408 Datasheet HTML 95Page - NXP Semiconductors FS6408 Datasheet HTML 96Page - NXP Semiconductors FS6408 Datasheet HTML 97Page - NXP Semiconductors FS6408 Datasheet HTML 98Page - NXP Semiconductors FS6408 Datasheet HTML 99Page - NXP Semiconductors FS6408 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 111 page
background image
96
NXP Semiconductors
FS6407/FS6408
FS0_G = RSTB_short_high or FS0B_short_high or FS0B_short_low
IO_FS_G = IO_01_fail or IO_1_fail or IO_23_fail or IO_45_fail
Values of the three registers WD_answer, WD_counter, and DIAG_FS2 are updated at the end of any SPI access to one of these
registers. To always get up to date values, it is recommended to make two consecutive SPI accesses to these registers. Example: read
WD_answer, read again WD_answer, read WD_counter, read DIAG_FS2. The first read updates the three registers and the second read
report the latest information.
Table 76. WD answer. Description and configuration of the bits (default value in bold)
WD_answer_7:0
Description
WD answer from the MCU
0...
Answer = (NOT(((LFSR x 4)+6)-4))/4
1...
Reset condition
Power On Reset / RSTb LOW
RSTb
Description
Report a reset event
0
No Reset
1
Reset occurred
Reset condition
Power On Reset / Read
FS0b
Description
Report a fail-safe event
0No fail-safe
1
Fail safe event occurred / Also default state at power-up after LPOFF as FS0b is asserted low
Reset condition
Power On Reset / Read
WD
Description
Report a watchdog refresh ERROR
0
WD refresh OK
1
WRONG WD refresh
Reset condition
Power On Reset / Read
FS0_G
Description
Report a fail-safe output failure
0
No failure
1Failure
Reset condition
Power On Reset / Read
IO_FS_G
Description
Report an IO monitoring error
0No error
1
Error detected
Reset condition
Power On Reset
FS_ECC
Description
Report an error code correction on fail-safe state machine
0No ECC
1
ECC done
Reset condition
Power On Reset / Read
FS_req_ECC
Description
Report an error code correction on fail-safe registers
0No ECC
1
ECC done
Reset condition
Power On Reset / Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com